Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33899 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33899
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. SPI Timing Diagram
Figure 5. Shut Off and Enable Delay
Figure 6. Slew Time Measurement
tLEAD
tSCLK_HS
tSCLK
tLAG
tCSN
tSCLK_LS
tDO(VALID)
tDO(HOLD)
tDO(DIS)
tDO(ACC)
tDI(SU)
tDI(HOLD)
tR, tF
LSB IN
DATA
MSB IN
MSB OUT
DATA
LSB OUT
DON’T CARE
DI
DO
SCLK
CS
tSODLY
0.8 V
tENDLY
VENx
2.0 V
5.0 V
VS0-S1
@100 mA
70%
30%
70%
30%
S0/S1RS
S0/S1RS
VS0-S1


Similar Part No. - 33899

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33899 FREESCALE-33899 Datasheet
996Kb / 26P
   Programmable H-Bridge Power IC
More results

Similar Description - 33899

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Freescale Semiconductor...
MC33899 FREESCALE-MC33899_08 Datasheet
463Kb / 26P
   Programmable H-Bridge Power IC
33899 FREESCALE-33899 Datasheet
996Kb / 26P
   Programmable H-Bridge Power IC
MC33899 FREESCALE-MC33899 Datasheet
429Kb / 26P
   Programmable H-Bridge Power IC
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com