Electronic Components Datasheet Search |
|
33910 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc |
|
33910 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 90 page Analog Integrated Circuit Device Data Freescale Semiconductor 7 33910 ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS MC33910G5AC/MC3433910G5AC ELECTRICAL CHARACTERISTICS MAXIMUM RATINGS Table 3. Maximum Ratings All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the device. Ratings Symbol Value Unit ELECTRICAL RATINGS Supply Voltage at VS1 and VS2 Normal Operation (DC) Transient Conditions (load dump) VSUP(SS) VSUP(PK) -0.3 to 27 -0.3 to 40 V Supply Voltage at VDD VDD -0.3 to 5.5 V Input / Output Pins Voltage(6) CS, RST, SCLK, PWMIN, ADOUT0, MOSI, MISO, TXD, RXD, HVDD Interrupt Pin (IRQ)(7) VIN VIN(IRQ) -0.3 to VDD +0.3 -0.3 to 11 V HS1 and HS2 Pin Voltage (DC) VHS -0.3 to VSUP +0.3 V L1 Pin Voltage Normal Operation with a series 33k resistor (DC) Transient input voltage with external component (according to ISO7637-2) (See Figure ) VL1DC VL1TR -18 to 40 ±100 V VSENSE Pin Voltage (DC) VVSENSE -27 to 40 V LIN Pin Voltage Normal Operation (DC) Transient input voltage with external component (according to ISO7637-2) (See Figure ) VBUSDC VBUSTR -18 to 40 -150 to 100 V VDD Output Current IVDD Internally Limited A Notes 6. Exceeding voltage limits on specified pins may cause a malfunction or permanent damage to the device. 7. Extended voltage range for programming purpose only. |
Similar Part No. - 33910 |
|
Similar Description - 33910 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |