Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC5.0CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1SMC5.0CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMC5.0CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1SMC5.0CA_09 Datasheet HTML 1Page - Central Semiconductor Corp 1SMC5.0CA_09 Datasheet HTML 2Page - Central Semiconductor Corp 1SMC5.0CA_09 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SMC5.0CA
THRU
1SMC170CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
1500 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1SMC5.0CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
1SMC5.0A Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
1500
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000µs pulse.
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @
IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
1SMC5.0CA
5.0
6.40
7.25
10
1000
9.2
163
CBDE
1SMC6.0CA
6.0
6.67
7.67
10
1000
10.3
145.6
CBDG
1SMC6.5CA
6.5
7.22
8.30
10
500
11.2
133.9
CBDK
1SMC7.0CA
7.0
7.78
8.95
10
200
12
125
CBDM
1SMC7.5CA
7.5
8.33
9.58
1.0
100
12.9
116.3
CBDP
1SMC8.0CA
8.0
8.89
10.23
1.0
50
13.6
110.3
CBDR
1SMC8.5CA
8.5
9.44
10.82
1.0
20
14.4
104.2
CBDT
1SMC9.0CA
9.0
10
11.5
1.0
10
15.4
97.4
CBDV
1SMC10CA
10
11.1
12.8
1.0
5.0
17
88.2
CBDX
1SMC11CA
11
12.2
14
1.0
5.0
18.2
82.4
CBDZ
1SMC12CA
12
13.3
15.3
1.0
5.0
19.9
75.3
CBEE
1SMC13CA
13
14.4
16.5
1.0
5.0
21.5
69.7
CBEG
1SMC14CA
14
15.6
17.9
1.0
5.0
23.2
64.7
CBEK
1SMC15CA
15
16.7
19.2
1.0
5.0
24.4
61.5
CBEM
1SMC16CA
16
17.8
20.5
1.0
5.0
26
57.7
CBEP
1SMC17CA
17
18.9
21.7
1.0
5.0
27.6
53.3
CBER
1SMC18CA
18
20
23.3
1.0
5.0
29.2
51.4
CBET
1SMC20CA
20
22.2
25.5
1.0
5.0
32.4
46.3
CBEV
1SMC22CA
22
24.4
28
1.0
5.0
35.5
42.2
CBEX
1SMC24CA
24
26.7
30.7
1.0
5.0
38.9
38.6
CBEZ
1SMC26CA
26
28.9
33.2
1.0
5.0
42.1
35.6
CBFE
1SMC28CA
28
31.1
35.8
1.0
5.0
45.4
33
CBFG
1SMC30CA
30
33.3
38.3
1.0
5.0
48.4
31
CBFK
SMC CASE
R5 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - 1SMC5.0CA_09

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
More results

Similar Description - 1SMC5.0CA_09

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com