Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1019DV33-10VXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1019DV33-10VXI
Description  1-Mbit (128K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019DV33-10VXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1019DV33-10VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1019DV33-10VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY7C1019DV33
Document #: 38-05481 Rev. *E
Page 2 of 13
Selection Guide
–10 (Industrial)
Unit
Maximum Access Time
10
ns
Maximum Operating Current
60
mA
Maximum Standby Current
3
mA
Pin Configurations[2]
WE
VCC
A9
A16
NC
A 4
A2
A1
CE
NC
I/O0
I/O1
A5
A0
NC
NC
NC
I/O2
I/O3
VSS
A10
A3
OE
VSS
NC
I/O7
NC
NC
A13
A7
A6
NC
VCC
I/O6
NC
NC
NC
I/O4
I/O5
A8
A11
A14
A12
A
15
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
NC
48-ball VFBGA
(Top View)
Top View
SOJ/TSOPII
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
12
13
29
32
31
30
16
15
17
18
A7
A1
A2
A3
CE
I/O0
I/O1
VCC
A13
A16
A15
OE
I/O7
I/O6
A12
A11
A10
A9
I/O2
A0
A4
A5
A6
I/O4
VCC
I/O5
A8
I/O3
WE
VSS
A14
VSS
Note
2. NC pins are not connected on the die.
[+] Feedback


Similar Part No. - CY7C1019DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV33-10VXI CYPRESS-CY7C1019DV33-10VXI Datasheet
388Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY7C1019DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com