Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1019DV33-10ZSXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1019DV33-10ZSXI
Description  1-Mbit (128K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019DV33-10ZSXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1019DV33-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1019DV33-10ZSXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7C1019DV33
Document #: 38-05481 Rev. *E
Page 9 of 13
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1019DV33-10VXI
51-85033
32-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
CY7C1019DV33-10ZSXI
51-85095
32-pin TSOP Type II (Pb-free)
CY7C1019DV33-10BVXI
51-85150
48-ball VFBGA (Pb-free)
Ordering Code Definitions
Please contact your local Cypress sales representative for availability of these parts.
Temperature Range:
I = Industrial
Package Type: XXX = VX or ZSX or BVX
VX = 32-pin Molded SOJ (Pb-free)
ZSX = 32-pin TSOP Type II (Pb-free)
BVX = 48-ball VFBGA (Pb-free)
Speed: 10 ns
V33 = Voltage range (3 V to 3.6 V)
D = C9, 90 nm Technology
9 = Data width × 8-bits
01 = 1-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- 10 XXX
7
01
V33
I
D
9
[+] Feedback


Similar Part No. - CY7C1019DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV33-10ZSXI CYPRESS-CY7C1019DV33-10ZSXI Datasheet
388Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY7C1019DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com