Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1020BN Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1020BN
Description  32K x 16 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020BN Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1020BN Datasheet HTML 1Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 2Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 3Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 4Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 5Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 6Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 7Page - Cypress Semiconductor CY7C1020BN Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY7C1020BN
Document #: 001-06443 Rev. *A
Page 4 of 8
Switching Waveforms
Read Cycle No. 1[9, 10]
Read Cycle No. 2 (OE Controlled)[10, 11]
Notes:
9. Device is continuously selected. OE, CE, BHE and/or BHE = VIL.
10. WE is HIGH for read cycle.
11. Address valid prior to or coincident with CE transition LOW.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
VCC
SUPPLY
tDBE
tLZBE
tHZCE
BHE, BLE
CURRENT
ICC
ISB
[+] Feedback


Similar Part No. - CY7C1020BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020BN-12VC CYPRESS-CY7C1020BN-12VC Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020BN-12VXC CYPRESS-CY7C1020BN-12VXC Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020BN-12ZC CYPRESS-CY7C1020BN-12ZC Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020BN-12ZXC CYPRESS-CY7C1020BN-12ZXC Datasheet
417Kb / 8P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com