Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC13A Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # 1SMC13A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMC13A Datasheet(HTML) 3 Page - Central Semiconductor Corp

  1SMC13A Datasheet HTML 1Page - Central Semiconductor Corp 1SMC13A Datasheet HTML 2Page - Central Semiconductor Corp 1SMC13A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1SMC5.0A
THRU
1SMC170A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
1500 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R5 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - 1SMC13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC13A CENTRAL-1SMC13A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMC13A MOTOROLA-1SMC13A Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
1SMC13A EIC-1SMC13A Datasheet
91Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
1SMC13A BWTECH-1SMC13A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
logo
Central Semiconductor C...
1SMC13A CENTRAL-1SMC13A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1SMC13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com