Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5643LF0MLQ1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PPC5643LF0MLQ1
Description  High-performance e200z4d dual core
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5643LF0MLQ1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PPC5643LF0MLQ1 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
2
The MPC5643L family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It
belongs to an expanding range of automotive-focused products designed to address electrical hydraulic power steering (EHPS),
electric power steering (EPS) and airbag applications. The advanced and cost-efficient host processor core of the MPC5643L
automotive controller family complies with the Power Architecture embedded category. It operates at speeds as high as
120 MHz and offers high-performance processing optimized for low power consumption. It capitalizes on the available
development infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users’ implementations.
1.3
Device comparison
Table 1. MPC5643L device summary
Feature
MPC5643L
CPU
Type
2 × e200z4
(in lock-step or decoupled operation)
Architecture
Harvard
Execution speed
0–120 MHz (+2% FM)
DMIPS intrinsic performance
>240 MIPS
SIMD (DSP + FPU)
Yes
MMU
16 entry
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
4 KB, EDC
MPU-16 regions
Yes, replicated module
Semaphore unit (SEMA4)
Yes
Buses
Core bus
AHB, 32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data
Crossbar
Master × slave ports
Lock Step Mode: 4 × 3
Decoupled Parallel Mode: 6 × 3
Memory
Code/data flash
1 MB, ECC, RWW
Static RAM (SRAM)
128 KB, ECC
Modules
Interrupt Controller (INTC)
16 interrupt levels, replicated module
Periodic Interrupt Timer (PIT)
1 × 4 channels
System Timer Module (STM)
1 × 4 channels, replicated module
Software Watchdog Timer (SWT)
Yes, replicated module
eDMA
16 channels, replicated module
FlexRay
1 × 64 message buffers, dual channel
FlexCAN
2 × 32 message buffers
LINFlexD (UART and LIN with DMA support)
2
Clock out
Yes
Fault Collection and Control Unit (FCCU)
Yes


Similar Part No. - PPC5643LF0MLQ1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5643LF0MLQ1 FREESCALE-PPC5643LF0MLQ1 Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
PPC5643LF0MLQ1R FREESCALE-PPC5643LF0MLQ1R Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
More results

Similar Description - PPC5643LF0MLQ1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
   1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
   1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
   High performance e200z335 core processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
   high-performance Quad-core application processor
Revision 1.2 Feb. 2018
logo
Freescale Semiconductor...
P2020PSE2MZB FREESCALE-P2020PSE2MZB Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
   High Performance low-power Cortex-M3 core
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
   PMIC Optimized For Multi-Core High-Performance System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com