Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SMC14CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 3SMC14CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

3SMC14CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  3SMC14CA Datasheet HTML 1Page - Central Semiconductor Corp 3SMC14CA Datasheet HTML 2Page - Central Semiconductor Corp 3SMC14CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3SMC5.0CA
THRU
3SMC170CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
3000 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 3SMC5.0CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
3SMC5.0A Series data sheet.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTIC TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
3000
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000µs pulse
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @
IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
3SMC5.0CA
5.0
6.40
7.25
10
2000
9.2
326.0
CIDE
3SMC6.0CA
6.0
6.67
7.67
10
2000
10.3
291.3
CIDG
3SMC6.5CA
6.5
7.22
8.30
10
1000
11.2
267.9
CIDK
3SMC7.0CA
7.0
7.78
8.95
10
400
12.0
250.0
CIDM
3SMC7.5CA
7.5
8.33
9.58
1.0
200
12.9
232.6
CIDP
3SMC8.0CA
8.0
8.89
10.23
1.0
100
13.6
220.6
CIDR
3SMC8.5CA
8.5
9.44
10.82
1.0
50
14.4
208.4
CIDT
3SMC9.0CA
9.0
10.0
11.5
1.0
20
15.4
194.8
CIDV
3SMC10CA
10
11.1
12.8
1.0
5.0
17.0
176.4
CIDX
3SMC11CA
11
12.2
14.0
1.0
5.0
18.2
184.8
CIDZ
3SMC12CA
12
13.3
15.3
1.0
5.0
19.9
150.6
CIEE
3SMC13CA
13
14.4
16.5
1.0
5.0
21.5
139.4
CIEG
3SMC14CA
14
15.6
17.9
1.0
5.0
23.2
129.4
CIEK
3SMC15CA
15
16.7
19.2
1.0
5.0
24.4
123.0
CIEM
3SMC16CA
16
17.8
20.5
1.0
5.0
26.0
115.4
CIEP
3SMC17CA
17
18.9
21.7
1.0
5.0
27.6
106.6
CIER
3SMC18CA
18
20.0
23.3
1.0
5.0
29.2
102.8
CIET
3SMC20CA
20
22.2
25.5
1.0
5.0
32.4
92.6
CIEV
3SMC22CA
22
24.4
28.0
1.0
5.0
35.5
84.4
CIEX
3SMC24CA
24
26.7
30.7
1.0
5.0
38.9
77.2
CIEZ
3SMC26CA
26
28.9
33.2
1.0
5.0
42.1
71.2
CIFE
3SMC28CA
28
31.1
35.8
1.0
5.0
45.4
66.0
CIFG
3SMC30CA
30
33.3
38.3
1.0
5.0
48.4
62.0
CIFK
SMC CASE
R8 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - 3SMC14CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC14CA CENTRAL-3SMC14CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
3SMC14CA CENTRAL-3SMC14CA Datasheet
887Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3SMC14CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com