Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5643LFF0MLQ8 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPC5643LFF0MLQ8
Description  High-performance e200z4d dual core
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5643LFF0MLQ8 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC5643LFF0MLQ8 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5643LFF0MLQ8 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
Extensive system development and tracing support via Nexus debug port
1.6.2
Crossbar switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and three slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port, although one of those transfers
must be an instruction fetch from internal flash memory. If a slave port is simultaneously requested by more than one master
port, arbitration logic selects the higher priority master and grants it ownership of the slave port. All other masters requesting
that slave port are stalled until the higher priority master completes its transactions.
The crossbar provides the following features:
4 masters and 3 slaves supported per each replicated crossbar
— Masters allocation for each crossbar: e200z4d core with two independent bus interface units (BIU) for I and D
access (2 masters), one eDMA, one FlexRay
— Slaves allocation for each crossbar: a redundant flash-memory controller with 2 slave ports to guarantee maximum
flexibility to handle Instruction and Data array, one redundant SRAM controller with 1 slave port each and 1
redundant peripheral bus bridge
32-bit address bus and 64-bit data bus
Programmable arbitration priority
— Requesting masters can be treated with equal priority and are granted access to a slave port in round-robin method,
based upon the ID of the last master to be granted access or a priority order can be assigned by software at
application run time
Temporary dynamic priority elevation of masters
The XBAR is replicated for each processing channel.
1.6.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (eDMA, FlexRay, CPU) can be
assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
The memory protection unit is replicated for each processing channel.
1.6.4
Enhanced Direct Memory Access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module capable of performing complex data
movements via 16 programmable channels, with minimal intervention from the host processor. The hardware microarchitecture
includes a DMA engine which performs source and destination address calculations, and the actual data movement operations,
along with an SRAM-based memory containing the transfer control descriptors (TCD) for the channels. This implementation
is used to minimize the overall block size.
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment or stay constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software


Similar Part No. - PPC5643LFF0MLQ8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5643LFF0MLQ8 FREESCALE-PPC5643LFF0MLQ8 Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
PPC5643LFF0MLQ8R FREESCALE-PPC5643LFF0MLQ8R Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
More results

Similar Description - PPC5643LFF0MLQ8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
   1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
   1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
   High performance e200z335 core processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
   high-performance Quad-core application processor
Revision 1.2 Feb. 2018
logo
Freescale Semiconductor...
P2020PSE2MZB FREESCALE-P2020PSE2MZB Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
   High Performance low-power Cortex-M3 core
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
   PMIC Optimized For Multi-Core High-Performance System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com