Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C3V3 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BZV55C3V3
Description  SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZV55C3V3 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BZV55C3V3 Datasheet HTML 1Page - Central Semiconductor Corp BZV55C3V3 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZV55C2V4
THRU
BZV55C75
SURFACE MOUNT
SILICON ZENER DIODE
0.5 WATT, 2.4 THRU 75 VOLTS
± 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZV55C2V4
Series Surface Mount Silicon Zener Diode is a high
quality, well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer, and automotive applications.
MARKING: CATHODE BAND
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Average Forward Current
IO
250
mA
Peak Repetitive Forward Current
IFRM
250
mA
Power Dissipation (TL=50°C)
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
V
V
V
mA
Ω
Ω
mA
μA
V
mA
BZV55C2V4
2.280
2.4
2.520
5.0
100
600
1.0
50
1.0
208
BZV55C2V7
2.565
2.7
2.835
5.0
100
600
1.0
20
1.0
185
BZV55C3V0
2.850
3.0
3.150
5.0
95
600
1.0
10
1.0
167
BZV55C3V3
3.135
3.3
3.465
5.0
95
600
1.0
5.0
1.0
152
BZV55C3V6
3.420
3.6
3.780
5.0
90
600
1.0
5.0
1.0
139
BZV55C3V9
3.705
3.9
4.095
5.0
90
600
1.0
3.0
1.0
128
BZV55C4V3
4.085
4.3
4.515
5.0
90
600
1.0
3.0
1.0
116
BZV55C4V7
4.465
4.7
4.935
5.0
80
500
1.0
3.0
2.0
106
BZV55C5V1
4.845
5.1
5.355
5.0
60
480
1.0
2.0
2.0
96
BZV55C5V6
5.320
5.6
5.880
5.0
40
400
1.0
1.0
2.0
89
BZV55C6V2
5.890
6.2
6.510
5.0
10
150
1.0
3.0
4.0
81
BZV55C6V8
6.460
6.8
7.140
5.0
15
80
1.0
2.0
4.0
74
BZV55C7V5
7.125
7.5
7.875
5.0
15
80
1.0
1.0
5.0
67
BZV55C8V2
7.790
8.2
8.610
5.0
15
80
1.0
0.7
5.0
61
BZV55C9V1
8.645
9.1
9.555
5.0
15
100
1.0
0.5
6.0
55
BZV55C10
9.500
10
10.50
5.0
20
150
1.0
0.1
7.0
50
BZV55C11
10.45
11
11.55
5.0
20
150
1.0
0.1
8.0
45
SOD-80 CASE
R2 (11-January 2010)
www.centralsemi.com


Similar Part No. - BZV55C3V3

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C3V3 CDI-DIODE-BZV55C3V3 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C3V3 MICROSEMI-BZV55C3V3 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C3V3 CENTRAL-BZV55C3V3 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Micro Commercial Compon...
BZV55C3V3 MCC-BZV55C3V3 Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
logo
EIC discrete Semiconduc...
BZV55C3V3 EIC-BZV55C3V3 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C3V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZV55C2V4 CENTRAL-BZV55C2V4 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com