Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV26-15VXET Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1021CV26-15VXET
Description  1-Mbit (64 K 횞 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV26-15VXET Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1021CV26-15VXET Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV26-15VXET Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY7C1021CV26
Document Number: 38-05589 Rev. *E
Page 6 of 15
Write Cycle[10]
tWC
Write cycle time
15
ns
tSCE
CE LOW to write end
10
ns
tAW
Address set-up to write end
10
ns
tHA
Address hold from write end
0
ns
tSA
Address set-up to write start
0
ns
tPWE
WE pulse width
10
ns
tSD
Data set-up to write end
8
ns
tHD
Data hold from write end
0
ns
tLZWE
WE HIGH to low Z[11]
3
ns
tHZWE
WE LOW to high Z[11, 12]
7
ns
tBW
Byte enable to end of write
9
ns
Notes
10. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a Write,
and the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
11. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
12. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured 500 mV from steady-state voltage.
Switching Characteristics
Over the Operating Range[6] (continued)
Parameter
Description
–15
Unit
Min
Max
[+] Feedback


Similar Part No. - CY7C1021CV26-15VXET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26-15VXET CYPRESS-CY7C1021CV26-15VXET Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
More results

Similar Description - CY7C1021CV26-15VXET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com