Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041CV33
Description  4-Mbit (256 K 횞 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041CV33_10 Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C1041CV33
Document Number: 38-05134 Rev. *L
Page 5 of 15
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65
C to +150 C
Ambient Temperature with
Power Applied .......................................... –55
C to +125 C
Supply Voltage on VCC Relative to GND[2]...–0.5 V to +4.6 V
DC Voltage Applied to Outputs
in High Z State[2].................................. –0.5 V to VCC + 0.5 V
DC Input Voltage[2] ............................... –0.5 V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage.......................................... > 2001 V
(MIL-STD-883, Method 3015)
Latch Up Current .................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VCC
Commercial
0
C to +70 C
3.3 V
 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-8
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL [2]
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
A
IOZ
Output Leakage Current
GND < VOUT < VCC, Output disabled
–1
+1
A
ICC
VCC Operating Supply Current
VCC = Max, f = fMAX = 1/tRC
100
mA
ISB1
Automatic CE Power Down
Current —TTL Inputs
Max VCC, CE > VIH,
VIN > VIH or VIN < VIL, f = fMAX
–40
mA
ISB2
Automatic CE Power Down
Current — CMOS Inputs
Max VCC, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V, or VIN < 0.3 V, f = 0
–10
mA
Note
2. VIL (min) = –2.0 V and VIH(max) = VCC + 0.5 V for pulse durations of less than 20 ns.
[+] Feedback


Similar Part No. - CY7C1041CV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-10BAC CYPRESS-CY7C1041CV33-10BAC Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33-10BAC CYPRESS-CY7C1041CV33-10BAC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33-10BAI CYPRESS-CY7C1041CV33-10BAI Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33-10BAI CYPRESS-CY7C1041CV33-10BAI Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33-10BAI CYPRESS-CY7C1041CV33-10BAI Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com