Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBR1-D080S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBR1-D080S
Description  SURFACE MOUNT 1 AMP SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR1-D080S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBR1-D080S Datasheet HTML 1Page - Central Semiconductor Corp CBR1-D080S Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBR1-D020S SERIES
SURFACE MOUNT
1 AMP
SILICON BRIDGE RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBR1-D020S series
types are silicon full wave bridge rectifiers mounted in a
durable epoxy surface mount molded case, utilizing glass
passivated chips.
NOTE: Also available in Fast Recovery, please
contact factory for details.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS:
CBR1-
CBR1-
CBR1-
CBR1-
CBR1-
(TA=25°C unless otherwise noted)
SYMBOL
D020S
D040S
D060S
D080S
D100S
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reve
VR(RMS)
140
280
420
560
700
V
Average Forward Current (TA=50°C)
IO
1.0
A
Peak Forward Surge Current
IFSM
50
A
Rating for Fusing (t<8.35ms)
I2t
10
A2s
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=Rated VRRM
10
µA
IR
VR=Rated VRRM, TA=125°C
0.5
mA
VF
IF=1.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
25
pF
SMDIP CASE
R3 (4-January 2010)
www.centra lsemi.com


Similar Part No. - CBR1-D080S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1-D080S CENTRAL-CBR1-D080S Datasheet
131Kb / 2P
   1.0 AMP DUAL IN LINE BRIDGE RECTIFIER
CBR1-D080S CENTRAL-CBR1-D080S Datasheet
409Kb / 2P
   SURFACE MOUNT1 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - CBR1-D080S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1U-D010S CENTRAL-CBR1U-D010S_10 Datasheet
408Kb / 2P
   SURFACE MOUNT 1 AMP ULTRA FAST SILICON BRIDGE RECTIFIER
CBR1F-D020S CENTRAL-CBR1F-D020S_10 Datasheet
408Kb / 2P
   SURFACE MOUNT 1 AMP FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KMB12F BYTESONIC-KMB12F Datasheet
491Kb / 2P
   1 Amp Surface Mount Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-90 CENTRAL-CBRHDSH1-90 Datasheet
871Kb / 3P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
606Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRLDSH1-40 CENTRAL-CBRLDSH1-40 Datasheet
524Kb / 2P
   SURFACE MOUNT LOW PROFILE 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-100 CENTRAL-CBRHDSH1-100 Datasheet
605Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-60 CENTRAL-CBRHDSH1-60 Datasheet
605Kb / 2P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_12 Datasheet
871Kb / 3P
   SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBR2-D020S CENTRAL-CBR2-D020S Datasheet
414Kb / 2P
   SURFACE MOUNT 2 AMP SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com