Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041DV33-12VXE Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1041DV33-12VXE
Description  4-Mbit (256 K 횞 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041DV33-12VXE Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1041DV33-12VXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 9Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 10Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1041DV33
Document Number: 38-05473 Rev. *I
Page 7 of 17
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions[16]
Min
Max
Unit
VDR
VCC for data retention
2.0
V
ICCDR
Data retention current
VCC = VDR = 2.0 V, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V or VIN < 0.3 V
Industrial
10
mA
Auto-A [17]
10
mA
Auto-E [17]
15
mA
tCDR[18]
Chip deselect to data retention time
0
ns
tR[19]
Operation recovery time
tRC
–ns
Data Retention Waveform
Switching Waveforms
Figure 4. Read Cycle No. 1[20, 21]
3.0 V
3.0 V
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
Notes
16. No input may exceed VCC + 0.3 V.
17. Automotive product information is preliminary.
18. Tested initially and after any design or process changes that may affect these parameters.
19. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 μs or stable at VCC(min.) > 50 μs.
20. Device is continuously selected. OE, CE, BHE, and BLE = VIL.
21. WE is HIGH for read cycle.
[+] Feedback


Similar Part No. - CY7C1041DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041DV33-12VXE CYPRESS-CY7C1041DV33-12VXE Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com