Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTCV60TLM24T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTCV60TLM24T3G
Description  CoolMOS & Trench Field Stop IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTCV60TLM24T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTCV60TLM24T3G Datasheet HTML 1Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 2Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 3Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 4Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 5Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 6Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 7Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 8Page - Microsemi Corporation APTCV60TLM24T3G Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
APTCV60TLM24T3G
www.microsemi.com
5- 13
CR7 & CR8 diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
30
A
IF = 30A
2.6
3.1
IF = 60A
3.2
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.8
V
Tj = 25°C
300
trr
Reverse Recovery Time
Tj = 125°C
380
ns
Tj = 25°C
360
Qrr
Reverse Recovery Charge
IF = 30A
VR = 800V
di/dt =200A/µs
Tj = 125°C
1700
nC
Err
Reverse Recovery Energy
IF = 30A
VR = 800V
di/dt =1000A/µs
Tj = 125°C
1.6
mJ
RthJC
Junction to Case Thermal Resistance
1.2
°C/W
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎟⎟
⎜⎜
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTCV60TLM24T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTCV60TLM45T3G MICROSEMI-APTCV60TLM45T3G Datasheet
287Kb / 11P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
APTCV60TLM70T3G MICROSEMI-APTCV60TLM70T3G Datasheet
286Kb / 11P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
APTCV60TLM991G MICROSEMI-APTCV60TLM991G Datasheet
241Kb / 8P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
APTCV60TLM99T3G MICROSEMI-APTCV60TLM99T3G Datasheet
251Kb / 9P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power
More results

Similar Description - APTCV60TLM24T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
   IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Microsemi Corporation
APTCV60TLM99T3G MICROSEMI-APTCV60TLM99T3G Datasheet
251Kb / 9P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power
APTCV60TLM991G MICROSEMI-APTCV60TLM991G Datasheet
241Kb / 8P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
APTCV60TLM45T3G MICROSEMI-APTCV60TLM45T3G Datasheet
287Kb / 11P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
logo
ON Semiconductor
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
   Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
   Field Stop Trench IGBT
December 2016 Rev. 1.0
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
   Field Stop Trench IGBT
November 2016 - Rev. 1.0
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
   Field Stop Trench IGBT
July, 2020 ??Rev. 0
logo
Microsemi Corporation
APTCV60TLM70T3G MICROSEMI-APTCV60TLM70T3G Datasheet
286Kb / 11P
   Three level inverter CoolMOS & Trench Field Stop IGBT Power Module
logo
ON Semiconductor
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com