Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75412W Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC75412W
Description  Electronic Volume Controller for Car Audio Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412W Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75412W Datasheet HTML 2Page - Sanyo Semicon Device LC75412W Datasheet HTML 3Page - Sanyo Semicon Device LC75412W Datasheet HTML 4Page - Sanyo Semicon Device LC75412W Datasheet HTML 5Page - Sanyo Semicon Device LC75412W Datasheet HTML 6Page - Sanyo Semicon Device LC75412W Datasheet HTML 7Page - Sanyo Semicon Device LC75412W Datasheet HTML 8Page - Sanyo Semicon Device LC75412W Datasheet HTML 9Page - Sanyo Semicon Device LC75412W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Address code (B0 to A3)
The LC75412E and 75412W use 8-bit address code and can be used in common with ICs that support SANYO’s CCB
serial bus.
Address Code
(LSB)
(81HEX)
Control code allocation
Input Switching Control
No. 7053-6/21
LC75412E, 75412W
B0
B1
B2
B3
A0
A1
A2
A3
1
0
0
0
0
0
0
1
D0
D1
D2
Setting
Setting
0
0
0
L1 (R1)
1
0
0
L2 (R2)
0
1
0
L3 (R3)
1
1
0
L4 (R4)
0
0
1
L5 (R5)
1
0
1
L6 (R6)
D3
Bit for IC testing: Normally set to 0
Input Gain Control
D4
D5
D6
D7
Operation
0
0
0
0
0dB
1
0
0
0
+1.25dB
0
1
0
0
+2.50dB
1
1
0
0
+3.75dB
0
0
1
0
+5.00dB
1
0
1
0
+6.25dB
0
1
1
0
+7.50dB
1
1
1
0
+8.75dB
0
0
0
1
+10.0dB
1
0
0
1
+11.25dB
0
1
0
1
+12.5dB
1
1
0
1
+13.75dB
0
0
1
1
+15.0dB
1
0
1
1
+16.25dB
0
1
1
1
+17.5dB
1
1
1
1
+18.75dB


Similar Part No. - LC75412W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
More results

Similar Description - LC75412W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com