Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3740 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3740
Description  PNP POWER SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3740 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3740_2 Datasheet HTML 1Page - Microsemi Corporation 2N3740_2 Datasheet HTML 2Page - Microsemi Corporation 2N3740_2 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0021 Rev. 2 (100698)
Page 3 of 3
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. These dimensions should be measured at points .050 to .055 inch (1.27 to 1.40 mm) below seating plane. When gauge is not
used, measurement will be made at seating plane.
4. Both terminals.
5. At both ends.
6. Two holes.
7. The collector shall be electrically connected to the case.
8. LD applies between L1 and LL. Lead diameter shall not exceed twice LD within L1.
9. In accordance with ASME Y14.5M, diameters are equivalent to
φ symbology.
10. Lead 1 is the emitter, lead 2 is the base, collector is the case.
FIGURE 1. Physical dimensions, TO-66 (2N3740, 2N3741)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.620
15.75
9
CH
.250
.340
6.35
8.64
HT
.050
.075
1.27
1.91
HR
.350
8.89
HR1
.115
.145
2.92
3.68
5
LD
.028
.034
0.71
0.86
4, 8, 9
LL
.360
.500
9.14
12.70
4, 8
L1
.050
1.27
4, 8
MHD
.142
.152
3.61
3.86
6, 9
MHS
.958
.962
24.33
24.43
PS
.190
.210
4.83
5.33
3
PS1
.093
.107
2.36
2.72
3
S
.570
.590
14.48
14.99
3


Similar Part No. - 2N3740_2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3740A MICROSEMI-2N3740A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Central Semiconductor C...
2N3740A CENTRAL-2N3740A Datasheet
86Kb / 1P
   PNP SILICON POWER TRANSISTORS
2N3740A CENTRAL-2N3740A Datasheet
51Kb / 1P
   Power Transistors
logo
Seme LAB
2N3740A SEME-LAB-2N3740A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
logo
Central Semiconductor C...
2N3740A CENTRAL-2N3740A Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
More results

Similar Description - 2N3740_2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com