Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7573N Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7573N
Description  1/2 Duty VFD Driver for Frequency Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7573N Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7573N Datasheet HTML 1Page - Sanyo Semicon Device LC7573N Datasheet HTML 2Page - Sanyo Semicon Device LC7573N Datasheet HTML 3Page - Sanyo Semicon Device LC7573N Datasheet HTML 4Page - Sanyo Semicon Device LC7573N Datasheet HTML 5Page - Sanyo Semicon Device LC7573N Datasheet HTML 6Page - Sanyo Semicon Device LC7573N Datasheet HTML 7Page - Sanyo Semicon Device LC7573N Datasheet HTML 8Page - Sanyo Semicon Device LC7573N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin Functions
Serial Data Transfer Format
1. When CL is stopped at the low level
2. When CL is stopped at the high level
Figure 2
No. 3587-4/10
LC7573N, 7573NM
Pin No.
Pin
I/O
Function
Handling
when unused
1
VFL
Driver block power supply. A voltage of between 8.0 and 18.0 V must be supplied.
2
VDD
Logic block power supply. A voltage of between 4.5 and 5.5 V must be supplied.
5
VSS
Ground. Must be connected to the system ground.
3
OSC
I/O
Oscillator connection. An oscillator circuit is formed by connecting an external resistor and capacitor
to this pin.
VDD
Display off control input
4
BLK
I
BLK = low (VSS): Display off (G1 and G2 = low)
GND
BLK = high (VDD): Display on
Note that serial data can be transferred while the display is turned off.
7
CL
Serial data transfer inputs. These pins must be
CL: synchronization clock
8
DI
I
connected to the system controller.
DI: transfer data
GND
9
CE
CE: chip enable
When the analog dimmer is selected, the analog voltage applied to this pin controls the duty of the G1
and G2 digit output pins. Since a 6-bit A/D converter is applied to this analog voltage and that result is
6
DIM
I
input to a decoder that provides a built-in dimmer curve, the relationship between the analog voltage
GND
and the duty can be specified as a mask program. Note that 63/96 · VDD is the full-scale level for the
6-bit A/D converter.
30, 29
G1, G2
O
Digit outputs. The frame frequency fO is (fOSC/4096) Hz
Open
28 to 10
S1 to S19
O
Segment outputs for displaying the display data transferred by serial data input.
Open


Similar Part No. - LC7573N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7573N SANYO-LC7573N Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
More results

Similar Description - LC7573N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
Sanyo Semicon Device
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
logo
Holtek Semiconductor In...
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
   1/2 Duty VFD Digital Clock
logo
LAPIS Semiconductor Co....
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com