Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3500 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3500
Description  RADIATION HARDENED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3500 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3500 Datasheet HTML 1Page - Microsemi Corporation 2N3500 Datasheet HTML 2Page - Microsemi Corporation 2N3500 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/366
T4-LDS-0056 Rev. 1 (080812)
Page 3 of 3
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
VEB = 5Vdc; IC = 150mAdc; IB1 = 15mAdc
ton
115
ηs
Turn-Off Time
IC = 150mAdc; IB1 = IB2 = 15mAdc
toff
1150
ηs
SAFE OPERATING AREA
DC Tests
TC = +25°C, tr ≥ 10ηs; 1 Cycle, t = 1.0s
Test 1
VCE = 10Vdc, IC = 500mAdc
VCE = 16.67Vdc, IC = 300mAdc
VCE = 10Vdc, IC = 113mAdc
2N3498, 2N3499
2N3500, 2N3501
2N3501UB
Test 2
VCE = 50Vdc, IC = 100mAdc
VCE = 50Vdc, IC = 23mAdc
All Types
2N3501UB
Test 3
VCE = 80Vdc, IC = 40mAdc
VCE = 80Vdc, IC = 14mAdc
All Types
2N3501UB
Clamped Switching
TA = +25°C
Test 1
IB = 85mAdc, IC = 500mAdc
IB = 50mAdc, IC = 300mAdc
2N3498, 2N3499
2N3500, 2N3501
(3) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N3500

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3500 BOCA-2N3500 Datasheet
169Kb / 5P
   GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3500 MICROSEMI-2N3500 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3500 CENTRAL-2N3500 Datasheet
22Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N3500

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com