Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1318CV18 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1318CV18
Description  18-Mbit DDR II SRAM 2-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1318CV18 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1318CV18_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1318CV18_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CY7C1318CV18, CY7C1320CV18
Document Number: 001-07160 Rev. *J
Page 4 of 29
Selection Guide
Description
267 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum operating frequency
267
250
200
167
MHz
Maximum operating current
×18
805
730
600
510
mA
×36
855
775
635
540
[+] Feedback


Similar Part No. - CY7C1318CV18_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1318CV18-167BZC CYPRESS-CY7C1318CV18-167BZC Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1318CV18-167BZI CYPRESS-CY7C1318CV18-167BZI Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1318CV18-167BZXC CYPRESS-CY7C1318CV18-167BZXC Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1318CV18-167BZXI CYPRESS-CY7C1318CV18-167BZXI Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1318CV18_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316CV18 CYPRESS-CY7C1316CV18 Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com