Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1320CV18-267BZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1320CV18-267BZXC
Description  18-Mbit DDR II SRAM 2-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1320CV18-267BZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1320CV18-267BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1320CV18-267BZXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C1318CV18, CY7C1320CV18
Document Number: 001-07160 Rev. *J
Page 9 of 29
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to enable the SRAM to adjust its output
driver impedance. The value of RQ must be 5x the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles at power up to
account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the DDR II to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free running clocks and are
synchronized to the output clock of the DDR II. In the single clock
mode, CQ is generated with respect to K and CQ is generated
with respect to K. The timing for the echo clocks is shown in
“Switching Characteristics” on page 22.
DLL
These chips use a delay lock loop (DLL) that is designed to
function between 120 MHz and the specified maximum clock
frequency. During power up, when the DOFF is tied HIGH, the
DLL is locked after 1024 cycles of stable clock. The DLL can also
be reset by slowing or stopping the input clocks K and K for a
minimum of 30 ns. However, it is not necessary to reset the DLL
to lock it to the desired frequency. The DLL automatically locks
1024 clock cycles after a stable clock is presented. The DLL may
be disabled by applying ground to the DOFF pin. When the DLL
is turned off, the device behaves in DDR I mode (with one cycle
latency and a longer access time). For information refer to the
application note DLL Considerations in QDRII™/DDRII.
Application Example
Figure 1 shows two DDR II used in an application.
Figure 1. Application Example
Vterm = 0.75V
Vterm = 0.75V
R = 50
ohms
R = 250
ohms
LD#
C C#
R/W#
DQ
A
K
LD#
C C#
R/W#
DQ
A
K
SRAM#1
SRAM#2
R
= 250ohms
BUS
MASTER
(CPU
or
ASIC)
DQ
Addresses
Cycle Start#
R/W#
Return CLK
Source CLK
Return CLK#
Source CLK#
Echo Clock1/Echo Clock#1
Echo Clock2/Echo Clock#2
ZQ
CQ/CQ#
K#
ZQ
CQ/CQ#
K#
[+] Feedback


Similar Part No. - CY7C1320CV18-267BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1320CV18-267BZXC CYPRESS-CY7C1320CV18-267BZXC Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1320CV18-267BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316CV18 CYPRESS-CY7C1316CV18 Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com