Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381D Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381D
Description  18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381D Datasheet HTML 1Page - Cypress Semiconductor CY7C1381D Datasheet HTML 2Page - Cypress Semiconductor CY7C1381D Datasheet HTML 3Page - Cypress Semiconductor CY7C1381D Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY7C1381D/CY7C1381F
CY7C1383D/CY7C1383F
18 Mbit (512 K × 36/1 M × 18)
Flow Through SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05544 Rev. *I
Revised February 3, 2011
18 Mbit (512 K × 36/1 M × 18) Flow Through SRAM
Features
Supports 133 MHz bus operations
512 K × 36 and 1 M × 18 common I/O
3.3 V core power supply (VDD)
2.5 V or 3.3 V I/O supply (VDDQ)
Fast clock-to-output time
6.5 ns (133 MHz version)
Provides high performance 2-1-1-1 access rate
User selectable burst counter supporting Intel Pentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed write
Asynchronous output enable
CY7C1381D/CY7C1381F
available
in
JEDEC-standard
Pb-free 100-pin TQFP, Pb-free and non Pb-free 165-ball
FPBGA package. CY7C1381F/CY7C1383F available in
Pb-free and non Pb-free 119-ball BGA package
IEEE 1149.1 JTAG-Compatible Boundary Scan
ZZ sleep mode option
Functional Description
The CY7C1381D/CY7C1381F/CY7C1383D/CY7C1383F is a
3.3 V, 512 K × 36 and 1 M × 18 synchronous flow through
SRAMs, designed to interface with high speed microprocessors
with minimum glue logic[1]. Maximum access delay from clock
rise is 6.5 ns (133 MHz version). A 2-bit on-chip counter captures
the first address in a burst and increments the address
automatically for the rest of the burst access. All synchronous
inputs are gated by registers controlled by a positive edge
triggered clock input (CLK). The synchronous inputs include all
addresses, all data inputs, address pipelining chip enable (CE1),
depth-expansion chip enables (CE2 and CE3 [2]), burst control
inputs (ADSC, ADSP, and ADV), write enables (BWx, and BWE),
and global write (GW). Asynchronous inputs include the output
enable (OE) and the ZZ pin.
The CY7C1381D/CY7C1381F/CY7C1383D/CY7C1383F allows
interleaved or linear burst sequences, selected by the MODE
input pin. A HIGH selects an interleaved burst sequence, while
a LOW selects a linear burst sequence. Burst accesses can be
initiated with the processor address strobe (ADSP) or the cache
controller address strobe (ADSC) inputs. Address advancement
is controlled by the address advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when address strobe processor (ADSP) or address strobe
controller (ADSC) are active. Subsequent burst addresses can
be internally generated as controlled by the advance pin (ADV).
CY7C1381D/CY7C1381F/CY7C1383D/CY7C1383F operates
from a +3.3 V core power supply while all outputs operate with a
+2.5 V or +3.3 V supply. All inputs and outputs are
JEDEC-standard and JESD8-5-compatible.
Notes
1. For best practices or recommendations, refer to the Cypress application note AN1064, SRAM System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 FBGA packages only. 119 BGA is offered only in 1 chip enable.
[+] Feedback


Similar Part No. - CY7C1381D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1385D CYPRESS-CY7C1385D Datasheet
775Kb / 22P
   18-Mbit (512 K 횞 32) Flow-Through SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com