Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3635 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3635
Description  RADIATION HARDENED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3635 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3635 Datasheet HTML 1Page - Microsemi Corporation 2N3635 Datasheet HTML 2Page - Microsemi Corporation 2N3635 Datasheet HTML 3Page - Microsemi Corporation 2N3635 Datasheet HTML 4Page - Microsemi Corporation 2N3635 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0065 Rev. 2 (100377)
Page 2 of 5
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
IC = 0.1mAdc, VCE = 10Vdc
IC = 1.0mAdc, VCE = 10Vdc
IC = 10mAdc, VCE = 10Vdc
IC = 50mAdc, VCE = 10Vdc
IC = 150mAdc, VCE = 10Vdc
2N3634, 2N3636
25
45
50
50
30
150
IC = 0.1mAdc, VCE = 10Vdc
IC = 1.0mAdc, VCE = 10Vdc
IC = 10mAdc, VCE = 10Vdc
IC = 50mAdc, VCE = 10Vdc
IC = 150mAdc, VCE = 10Vdc
2N3635, 2N3637
hFE
55
90
100
100
60
300
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 50mAdc, IB = 5.0mAdc
VCE(sat)
0.3
0.6
Vdc
Base-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 50mAdc, IB = 5.0mAdc
VBE(sat)
0.65
0.8
0.9
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 30mAdc, VCE = 30Vdc, f = 100MHz
2N3634, 2N3636
2N3635, 2N3637
|hfe|
1.5
2.0
8.0
8.5
Forward Current Transfer Ratio
IC = 10mAdc, VCE = 10Vdc, f = 1.0kHz
2N3634, 2N3636
2N3635, 2N3637
hfe
40
80
160
320
Small-Signal Short-Circuit Input Impedance
IC = 10mAdc, VCE = 10Vdc, f = 1.0kHz
2N3634, 2N3636
2N3635, 2N3637
hie
100
200
600
1200
Ω
Small-Signal Open-Circuit Input Impedance
IC = 10mAdc, VCE = 10Vdc, f = 1.0kHz
hoe
200
μs
Output Capacitance
VCB = 20Vdc, IE = 0, 100 kHz ≤ f ≤
1.0MHz
Cobo
10
pF
Input Capacitance
VEB = 1.0Vdc, IC = 0, 100 kHz ≤ f ≤
1.0MHz
Cibo
75
pF
Noise Figure
VCE = 10Vdc, IC = 0.5mAdc, Rg = 1.0kΩ
f = 100Hz
f = 1.0kHz
f = 10kHz
NF
5.0
3.0
3.0
dB
(1) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N3635

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3635 BOCA-2N3635 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3635 MICROSEMI-2N3635 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
logo
Central Semiconductor C...
2N3635 CENTRAL-2N3635 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3635 SEME-LAB-2N3635 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3635 MICROSEMI-2N3635 Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3635

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com