Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3637UB Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3637UB
Description  RADIATION HARDENED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3637UB Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3637UB Datasheet HTML 1Page - Microsemi Corporation 2N3637UB Datasheet HTML 2Page - Microsemi Corporation 2N3637UB Datasheet HTML 3Page - Microsemi Corporation 2N3637UB Datasheet HTML 4Page - Microsemi Corporation 2N3637UB Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/357
T4-LDS-0065 Rev. 2 (100377)
Page 1 of 5
DEVICES
LEVELS
2N3634
2N3635
2N3636
2N3637
JANSM – 3K Rads (Si)
2N3634L
2N3635L
2N3636L
2N3637L
JANSD – 10K Rads (Si)
2N3634UB
2N3635UB
2N3636UB
2N3637UB
JANSP – 30K Rads (Si)
JANSL – 50K Rads (Si)
JANSR – 100K Rads (Si)
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3634*
2N3635*
2N3636*
2N3637*
Unit
Collector-Emitter Voltage
VCEO
140
175
Vdc
Collector-Base Voltage
VCBO
140
175
Vdc
Emitter-Base Voltage
VEBO
5.0
5.0
Vdc
Collector Current
IC
1.0
1.0
Adc
Total Power Dissipation
UB:
@ TA = +25°C
@ TC = +25°C
@ TC = +25°C
PT **
1.0
5.0
1.5
W
W
W
Operating & Storage Junction Temperature
Range
TJ, Tstg
-65 to +200
°C
* Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding
devices.
** Consult 19500/357 for De-Rating curves.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
2N3634, 2N3635
2N3636, 2N3637
V(BR)CEO
140
175
Vdc
Collector-Base Cutoff Current
VCB = 100Vdc
VCB = 140Vdc
VCB = 175Vdc
2N3634, 2N3635
2N3636, 2N3637
ICBO
100
10
10
ηAdc
μAdc
μAdc
Emitter-Base Cutoff Current
VEB = 3.0Vdc
VEB = 5.0Vdc
IEBO
50
10
ηAdc
μAdc
Collector-Emitter cutoff Current
VCE = 100Vdc
ICEO
10
μAdc
TO-5*
2N3634L, 2N3635L
2N3636L, 2N3637L
TO-39* (TO-205AD)
2N3634, 2N3635
2N3636, 2N3637
3 PIN
2N3634UB, 2N3635UB
2N3636UB, 2N3637UB


Similar Part No. - 2N3637UB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3637UB MICROSEMI-2N3637UB Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3637UB

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com