Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3251A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3251A
Description  PNP SILICON LOW POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3251A Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3251A Datasheet HTML 1Page - Microsemi Corporation 2N3251A Datasheet HTML 2Page - Microsemi Corporation 2N3251A Datasheet HTML 3Page - Microsemi Corporation 2N3251A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0093 Rev. 2 (101243)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
(2)
Forward-Current Transfer Ratio
hFE
IC = 0.1mAdc, VCE = 1.0Vdc
2N3250A, AUB
2N3251A, AUB
40
80
IC = 1.0mAdc, VCE = 1.0Vdc
2N3250A, AUB
2N3251A, AUB
45
90
IC = 10mAdc, VCE = 1.0Vdc
2N3250A, AUB
2N3251A, AUB
50
100
150
300
IC = 50mAdc, VCE = 1.0Vdc
2N3250A, AUB
2N3251A, AUB
15
30
IC = 1.0mAdc, VCE = 1.0Vdc
TA = -55°C
2N3250A, AUB
2N3251A, AUB
20
40
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 10mAdc, IB = 1.0mAdc
IC = 50mAdc, IB = 5.0mAdc
0.25
0.50
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 10mA, IB = 1.0mAdc
IC = 50mA, IB = 5.0mAdc
0.60
0.90
1.20
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
hfe
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3250A, AUB
2N3251A, AUB
50
100
200
400
Magnitude of Common Emitter Small-Signal Short-Circuit Forward
Current Transfer Ratio
|hfe|
IC = 10mAdc, VCE = 20Vdc, f = 100kHz
2N3250A, AUB
2N3251A, AUB
2.5
3.0
9.0
9.0
Output Capacitance
Cobo
pF
VCB = 10Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0MHz
6.0
Input Capacitance
Cibo
pF
VEB = 1.0Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0MHz
8.0
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
ton
VCC = 3.0Vdc; IC = 10mAdc; IB1 = 1.0mAdc
70
ηs
Turn-Off Time
toff
ηs
VCC = 3.0Vdc; IC = 10mAdc; IB1 = IB2 =
1.0mAdc
2N3250A, AUB
2N3251A, AUB
250
300
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N3251A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3251A BOCA-2N3251A Datasheet
183Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Central Semiconductor C...
2N3251A CENTRAL-2N3251A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N3251A SEME-LAB-2N3251A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results

Similar Description - 2N3251A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
2N3867 MICROSEMI-2N3867_1 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
   PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com