Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3634L Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N3634L
Description  PNP SILICON SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3634L Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3634L Datasheet HTML 1Page - Microsemi Corporation 2N3634L Datasheet HTML 2Page - Microsemi Corporation 2N3634L Datasheet HTML 3Page - Microsemi Corporation 2N3634L Datasheet HTML 4Page - Microsemi Corporation 2N3634L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0156 Rev. 2 (101452)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Beyond r maximum, TW must be held to a minimum length of .021 inch (0.53 mm).
4.
TL measured from maximum HD.
5.
CD shall not vary more than ±.010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
6.
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 inch (0.18 mm) radius of
true position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by
direct methods or by gauge and gauging procedure.
7.
LU applies between L1 and L2. LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
8.
r (radius) applies to both inside corners of tab.
9.
For transistor types 2N3634 through 2N3637, LL is .500 inch (12.70 mm) minimum, and .750 inch (19.05 mm)
maximum (TO-39).
10.
For transistor types 2N3634L through 2N3637L, LL is 1.500 inches (38.10 mm) minimum, and 1.750 inches (44.45 mm)
maximum (TO-5).
11.
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 1: Physical dimensions (TO-5 and TO-39)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TYP
5.08 TYP
7
LD
.016
.021
0.41
0.53
6
LL
See notes 7, 9, and 10
LU
.016
.019
0.41
0.48
7
L1
050
1.27
7
L2
.250
6.35
7
P
.100
2.54
5
Q
.050
1.27
r
.010
0.254
8
TL
.029
.045
0.74
1.14
4
TW
.028
.034
0.71
0.86
3
α
45° TP
45° TP
6
Term 1
Emitter
Term 2
Base
Term 3
Collector


Similar Part No. - 2N3634L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3634L MICROSEMI-2N3634L Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3634L MICROSEMI-2N3634L Datasheet
233Kb / 5P
   RADIATION HARDENED
logo
ON Semiconductor
2N3634L ONSEMI-2N3634L Datasheet
81Kb / 6P
   Low Power Transistors
November, 2013 ??Rev. 1
More results

Similar Description - 2N3634L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com