Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMKT3946 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMKT3946
Description  SURFACE MOUNT DUAL SMALL SIGNAL SILICON SWITCHING TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKT3946 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMKT3946 Datasheet HTML 1Page - Central Semiconductor Corp CMKT3946 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMKT3904 NPN/NPN
CMKT3906 PNP/PNP
CMKT3946 NPN/PNP
SURFACE MOUNT
DUAL SMALL SIGNAL SILICON
SWITCHING TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
10
2.0
12
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.5
8.0
0.1
10
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
100
400
100
400
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
40
3.0
60
μS
NF
VCE=5.0V, IC=100μA, RS=1.0kΩ, f=10Hz to 15.7kHz
-
5.0
-
4.0
dB
td
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
-
35
-
35
ns
tr
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
-
35
-
35
ns
ts
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
-
200
-
225
ns
tf
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
-
50
-
75
ns
SOT-363 CASE - MECHANICAL OUTLINE
LEAD CODES:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
CMKT3904
(NPN/NPN)
MARKING CODE: K04
CMKT3906
(PNP/PNP)
MARKING CODE: K06
CMKT3946
(NPN/PNP)
MARKING CODE: K46
PIN CONFIGURATIONS
www.centr a lsemi.com
R4 (13-January 2010)


Similar Part No. - CMKT3946

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
   COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
More results

Similar Description - CMKT3946

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT3904 CENTRAL-CMKT3904_15 Datasheet
397Kb / 2P
   SURFACE MOUNT SILICON DUAL SMALL SIGNAL SWITCHING TRANSISTORS
CMLT2222AG CENTRAL-CMLT2222AG Datasheet
583Kb / 2P
   SURFACE MOUNT DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
CMKT2222A CENTRAL-CMKT2222A_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
CMLT5551 CENTRAL-CMLT5551 Datasheet
90Kb / 2P
   SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
CMLT2222A CENTRAL-CMLT2222A Datasheet
96Kb / 2P
   SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
CMLT5551 CENTRAL-CMLT5551_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL NPN SMALL SIGNAL HIGH VOLTAGE SILICON SWITCHING TRANSISTORS
CMKT2222A CENTRAL-CMKT2222A Datasheet
130Kb / 2P
   ULTRAminiTM SURFACE MOUNT DUAL NPN SMALL SIGNAL SWITCHING TRANSISTORS
CMKT3920 CENTRAL-CMKT3920 Datasheet
480Kb / 2P
   SURFACE MOUNT SILICON DUAL, SMALL SIGNAL NPN SWITCHING TRANSISTOR
CMKT3920 CENTRAL-CMKT3920_15 Datasheet
480Kb / 2P
   SURFACE MOUNT SILICON DUAL, SMALL SIGNAL NPN SWITCHING TRANSISTOR
CMKT2222A CENTRAL-CMKT2222A_15 Datasheet
498Kb / 2P
   DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com