Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3867 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N3867
Description  PNP SILICON LOW POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3867 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3867_1 Datasheet HTML 1Page - Microsemi Corporation 2N3867_1 Datasheet HTML 2Page - Microsemi Corporation 2N3867_1 Datasheet HTML 3Page - Microsemi Corporation 2N3867_1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0170 Rev. 1 (101121)
Page 4 of 4
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4. Dimension TL measured from maximum HD.
5. Body contour optional within zone defined by HD, CD, and Q.
6. CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18
mm) radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be
measured by direct methods or by gauging procedure.
8. Dimension LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum. Diameter is
uncontrolled in and beyond LL minimum.
9. All three leads.
10. The collector shall be internally connected to the case.
11. Dimension r (radius) applies to both inside corners of tab.
12. In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
13. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
14. For non-S-suffix devices (TO-5), dimension LL = 1.5 inches (38.10 mm) min. and 1.75 inches (44.45 mm) max. For S-
suffix types (TO-39), dimension LL = .5 inch (12.70 mm) min. and .750 inch (19.05 mm) max.
FIGURE 1. Physical dimensions (similar to TO-5, TO-39)
PACKAGE DIMENSIONS
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
5, 6
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
4, 5
LC
.200 TP
5.08 TP
7
LD
.016
.019
0.41
0.48
8,9
LL
See note 8, 14
LU
.016
.019
0.41
0.48
8,9
L1
.050
1.27
8,9
L2
.250
6.35
8,9
P
.100
2.54
7
Q
.030
0.76
5
TL
.029
.045
0.74
1.14
3,4
TW
.028
.034
0.71
0.86
3
R
.010
0.25
10
α
45
° TP
45
° TP
7
1, 2, 10, 12, 13, 14
TO-5, 39


Similar Part No. - 2N3867_1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3867 CENTRAL-2N3867_15 Datasheet
588Kb / 2P
   SILICON PNP TRANSISTOR
More results

Similar Description - 2N3867_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
   PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com