Electronic Components Datasheet Search |
|
2N3868 Datasheet(PDF) 4 Page - Microsemi Corporation |
|
2N3868 Datasheet(HTML) 4 Page - Microsemi Corporation |
4 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http: //www.microsemi.com T4-LDS-0170 Rev. 1 (101121) Page 4 of 4 NOTES: 1. Dimensions are in inches. 2. Millimeters are given for general information only. 3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm). 4. Dimension TL measured from maximum HD. 5. Body contour optional within zone defined by HD, CD, and Q. 6. CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling. 7. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18 mm) radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by direct methods or by gauging procedure. 8. Dimension LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum. Diameter is uncontrolled in and beyond LL minimum. 9. All three leads. 10. The collector shall be internally connected to the case. 11. Dimension r (radius) applies to both inside corners of tab. 12. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology. 13. Lead 1 = emitter, lead 2 = base, lead 3 = collector. 14. For non-S-suffix devices (TO-5), dimension LL = 1.5 inches (38.10 mm) min. and 1.75 inches (44.45 mm) max. For S- suffix types (TO-39), dimension LL = .5 inch (12.70 mm) min. and .750 inch (19.05 mm) max. FIGURE 1. Physical dimensions (similar to TO-5, TO-39) PACKAGE DIMENSIONS Dimensions Symbol Inches Millimeters Note Min Max Min Max CD .305 .335 7.75 8.51 5, 6 CH .240 .260 6.10 6.60 HD .335 .370 8.51 9.40 4, 5 LC .200 TP 5.08 TP 7 LD .016 .019 0.41 0.48 8,9 LL See note 8, 14 LU .016 .019 0.41 0.48 8,9 L1 .050 1.27 8,9 L2 .250 6.35 8,9 P .100 2.54 7 Q .030 0.76 5 TL .029 .045 0.74 1.14 3,4 TW .028 .034 0.71 0.86 3 R .010 0.25 10 α 45 ° TP 45 ° TP 7 1, 2, 10, 12, 13, 14 TO-5, 39 |
Similar Part No. - 2N3868 |
|
Similar Description - 2N3868 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |