Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75817NE Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC75817NE
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817NE Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75817NE Datasheet HTML 3Page - Sanyo Semicon Device LC75817NE Datasheet HTML 4Page - Sanyo Semicon Device LC75817NE Datasheet HTML 5Page - Sanyo Semicon Device LC75817NE Datasheet HTML 6Page - Sanyo Semicon Device LC75817NE Datasheet HTML 7Page - Sanyo Semicon Device LC75817NE Datasheet HTML 8Page - Sanyo Semicon Device LC75817NE Datasheet HTML 9Page - Sanyo Semicon Device LC75817NE Datasheet HTML 10Page - Sanyo Semicon Device LC75817NE Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
No. 6144-7/43
LC75817NE, 75817NW
Pin Functions
Pin
Pin No.
Function
Active
I/O
Handling when unused
LC75817NE
LC75817NW
Segment driver outputs.
The S60/COM10 pin can be used as common driver output
under the “set display technique” instruction.
OPEN
O
S1 to S59
S60/COM10
3 to 61
62
1 to 59
60
Common driver outputs.
OPEN
O
COM1 to COM9
71 to 63
69 to 61
Oscillator connections. An oscillator circuit is formed by
connecting an external resistor and capacitor at these pins.
GND
I
OSCI
97
95
Serial data interface connections to the controller. Note that DO,
being an open-drain output, requires a pull-up resistor.
CE : Chip enable
CL : Synchronization clock
DI : Transfer data
DO : Output data
GND
H
I
CE
100
98
I
CL
1
99
I
DI
2
100
OPEN
O
OSCO
96
94
Input that turns the display off, disables key scanning, and
forces the general-purpose output ports low.
• When INH is low (VSS):
• Display off
S1 to S59 = “L” (VLCD4).
S60/COM10 = “L” (VLCD4).
COM1 to COM9 = “L” (VLCD4).
• General-purpose output ports P1 to P4 = low (VSS)
• Key scanning disabled: KS1 to KS6 = low (VSS)
• All the key data is reset to low.
• When INH is high (VDD):
• Display on
• The state of the general-purpose output ports can
be set by executing a "Set general-purpose output
port state" instruction.
• Key scanning is enabled.
However, serial data can be transferred when the INH pin is
low.
VDD
L
I
INH
98
96
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 3/4 (VLCD0 – VLCD4) voltage level externally.
OPEN
I
VLCD1
90
88
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 2/4 (VLCD0 - VLCD4) voltage level externally.
OPEN
I
VLCD2
91
89
LCD drive 1/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 1/4 (VLCD0 – VLCD4) voltage level externally.
OPEN
I
VLCD3
92
90
Logic block power supply connection. Provide a voltage of
between 4.5 and 6.0 V.
VDD
87
85
LCD driver block power supply connection. Provide a voltage of
between 7.0 and 10.0 V when the display contrast adjustment
circuit is used and provide a voltage of between 4.5 and 10.0 V
when the circuit is not used.
VLCD
88
86
Power supply connection. Connect to ground.
VSS
94
92
Key scan outputs. Although normal key scan timing lines
require diodes to be inserted in the timing lines to prevent
shorts, since these outputs are unbalanced CMOS transistor
outputs, these outputs will not be damaged by shorting when
these outputs are used to form a key matrix.
OPEN
O
KS1 to KS6
72 to 77
70 to 75
Key scan inputs.
These pins have built-in pull-down resistors.
GND
H
I
KI1 to KI5
78 to 82
76 to 80
General-purpose output ports
OPEN
O
P1 to P4
83 to 86
81 to 84
DO
99
97
O
OPEN
This pin must be connected to ground.
I
TEST
95
93
LCD drive 4/4 bias voltage (high level) supply pin. The level on
this pin can be changed by the display contrast adjustment circuit.
However, (VLCD0 – VLCD4) must be greater than or equal to 4.5
V. Also, external power must not be applied to this pin since the
pin circuit includes the display contrast adjustment circuit.
OPEN
O
VLCD0
89
87
LCD drive 0/4 bias voltage (low level) supply pin. Fine
adjustment of the display contrast can be implemented by
connecting an external variable resistor to this pin.
However, (VLCD0 – VLCD4) must be greater than or equal to 4.5
V, and VLCD4 must be in the range 0 V to 1.5 V, inclusive.
GND
I
VLCD4
93
91


Similar Part No. - LC75817NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75817 SANYO-LC75817 Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75817W SANYO-LC75817W Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
More results

Similar Description - LC75817NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com