Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65640A-LTXCKM Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C65640A-LTXCKM
Description  TetraHub??High Speed USB Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65640A-LTXCKM Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C65640A-LTXCKM Datasheet HTML 4Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 5Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 6Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 7Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 8Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 9Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 10Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 11Page - Cypress Semiconductor CY7C65640A-LTXCKM Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Document Number: 38-08019 Rev. *N
Page 8 of 25
CY7C65640A
Unused port DD+/DD– lines can be left floating. The port power, amber, and green LED pins should be left unconnected, and the overcurrent pin should be tied high. The
overcurrent pin is an input and it should not be left floating.
DOWNSTREAM PORT 1
13
DD–[1]
I/O/Z
Z
Downstream D– Signal.
14
DD+[1]
I/O/Z
Z
Downstream D+ Signal.
36
AMBER#[1]
O
1
LED. Driver output for amber LED. Port Indicator Support. Active LOW.
35
GREEN#[1]
O
1
LED. Driver output for green LED. Port Indicator Support. Active LOW.
30
OVR#[1]
Input
1
Overcurrent Condition Detection Input. Active LOW.
29
PWR#[1]
O/Z
Z
Power Switch Driver Output. Active LOW.
DOWNSTREAM PORT 2
9
DD–[2]
I/O/Z
Z
Downstream D– Signal.
10
DD+[2]
I/O/Z
Z
Downstream D+ Signal.
38
AMBER#[2]
O
1
LED. Driver output for amber LED. Port Indicator Support. Active LOW.
37
GREEN#[2]
O
1
LED. Driver output for green LED. Port Indicator Support. Active LOW.
32
OVR#[2]
Input
1
Overcurrent Condition Detection Input. Active LOW.
31
PWR#[2]
O/Z
Z
Power Switch Driver Output. Active LOW.
DOWNSTREAM PORT 3
5
DD–[3]
I/O/Z
Z
Downstream D– Signal.
6
DD+[3]
I/O/Z
Z
Downstream D+ Signal.
42
AMBER#[3]
O
1
LED. Driver output for Amber LED. Port Indicator Support. Active LOW.
41
GREEN#[3]
O
1
LED. Driver output for Green LED. Port Indicator Support. Active LOW.
53
OVR#[3]
Input
1
Overcurrent Condition Detection Input. Active LOW.
54
PWR#[3]
O/Z
Z
Power Switch Driver Output. Active LOW.
DOWNSTREAM PORT 4
1
DD–[4]
I/O/Z
Z
Downstream D– Signal.
2
DD+[4]
I/O/Z
Z
Downstream D+ Signal.
44
AMBER#[4]
O
1
LED. Driver output for Amber LED. Port Indicator Support. Active LOW.
43
GREEN#[4]
O
1
LED. Driver output for Green LED. Port Indicator Support. Active LOW.
51
OVR#[4]
Input
1
Overcurrent Condition Detection Input. Active LOW.
52
PWR#[4]
O/Z
Z
Power Switch Driver Output. Active LOW.
Table 3. CY7C65640A Pin Assignments (continued)
Pin
Name
Type
Default
Description
[+] Feedback


Similar Part No. - CY7C65640A-LTXCKM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A-LTXC CYPRESS-CY7C65640A-LTXC Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A-LTXCT CYPRESS-CY7C65640A-LTXCT Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY7C65640A-LTXCKM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com