Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLSH2-4LA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLSH2-4LA
Description  SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLSH2-4LA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLSH2-4LA_10 Datasheet HTML 1Page - Central Semiconductor Corp CMLSH2-4LA_10 Datasheet HTML 2Page - Central Semiconductor Corp CMLSH2-4LA_10 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLSH2-4LA CMLSH2-4LS
CMLSH2-4LC CMLSH2-4LSB
SURFACE MOUNT
DUAL PAIR, LOW VF
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLSH2-4L
Series consists of Dual pairs of Common Anode,
Common Cathode, and In-Series Low VF Schottky
Diodes, manufactured in a PICOmini™ SOT-563
surface mount package.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Current
IFRM
300
mA
Peak Forward Surge Current, tp=10ms
IFSM
600
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IR
VR=30V
100
200
nA
BVR
IR=100μA
40
55
V
VF
IF=100μA
0.24
0.26
V
VF
IF=500μA
0.29
0.31
V
VF
IF=1.0mA
0.31
0.33
V
VF
IF=50mA
0.54
0.60
V
VF
IF=100mA
0.67
0.75
V
CT
VR=1.0V, f=1.0MHz
10
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
• Devices are Halogen Free by design
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
DEVICE CONFIGURATIONS:
CMLSH2-4LA
DUAL PAIR, COMMON ANODE
MARKING CODE: 4AL
CMLSH2-4LC
DUAL PAIR, COMMON CATHODE
MARKING CODE: 4CL
CMLSH2-4LS
DUAL PAIR, IN SERIES
MARKING CODE: 4SL
CMLSH2-4LSB
DUAL PAIR, IN SERIES
MARKING CODE: 4SB
SOT-563 CASE
R3 (20-January 2010)
www.centra lsemi.com


Similar Part No. - CMLSH2-4LA_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH2-4LA CENTRAL-CMLSH2-4LA Datasheet
667Kb / 3P
   SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
CMLSH2-4LA CENTRAL-CMLSH2-4LA Datasheet
998Kb / 4P
   SURFACE MOUNT SILICON DUAL PAIR, LOW VF SCHOTTKY DIODES
1-July 2015
More results

Similar Description - CMLSH2-4LA_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH2-4LA CENTRAL-CMLSH2-4LA Datasheet
667Kb / 3P
   SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
CMXSH2-4LS CENTRAL-CMXSH2-4LS_10 Datasheet
489Kb / 2P
   SURFACE MOUNT DUAL PAIR, IN-SERIES LOW VF SILICON SCHOTTKY DIODES
CMXSH2-4LC CENTRAL-CMXSH2-4LC Datasheet
538Kb / 2P
   SURFACE MOUNT DUAL PAIR, COMMON CATHODE LOW VF SILICON SCHOTTKY DIODES
CMXSH2-4LS CENTRAL-CMXSH2-4LS Datasheet
73Kb / 2P
   SUPERmini DUAL PAIR, IN-SERIES SURFACE MOUNT LOW VF SCHOTTKY DIODES
CMXSH2-4LS CENTRAL-CMXSH2-4LS_15 Datasheet
500Kb / 2P
   DUAL PAIR, IN-SERIES LOW VF SILICON SCHOTTKY DIODES
CMLSH05-4DO CENTRAL-CMLSH05-4DO_10 Datasheet
578Kb / 2P
   SURFACE MOUNT DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
CTLSH1-40M832D CENTRAL-CTLSH1-40M832D Datasheet
198Kb / 2P
   SURFACE MOUNT DUAL, HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODES
CMLD6263A CENTRAL-CMLD6263A_10 Datasheet
522Kb / 2P
   SURFACE MOUNT DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
logo
Diotec Semiconductor
SL13 DIOTEC-SL13 Datasheet
124Kb / 2P
   Low Vf Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com