Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN133024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # LN133024
Description  Miniature Power Relay LN / LNH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LN133024 Datasheet(HTML) 3 Page - Tyco Electronics

  LN133024 Datasheet HTML 1Page - Tyco Electronics LN133024 Datasheet HTML 2Page - Tyco Electronics LN133024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Miniature Power Relay LN / LNH (Continued)
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
LN133005
LN1
AgSnO2
1 NO contact
5 VDC
1-1721249-4
LN133006
10 A
6 VDC
1721249-1
LN133009
85°C
9 VDC
1721249-2
LN133012
12 VDC
1721249-3
LN133024
24 VDC
1721249-4
LN133036
36 VDC
1721249-5
LN133048
48 VDC
1721249-6
LN113006
1 CO contact
6 VDC
1721249-7
LN113009
9 VDC
1721249-8
LN113012
12 VDC
1721249-9
LN113024
24 VDC
1-1721249-0
LN113036
36 VDC
1-1721249-2
LN113048
48 VDC
1-1721249-3
LNH33005
LNH
1 NO contact
5 VDC
1721253-1
LNH33006
10 A
6 VDC
1721253-2
LNH33009
105°C
9 VDC
1721253-3
LNH33012
12 VDC
1721253-4
LNH33024
24 VDC
1721253-5
LNH33036
36 VDC
1721253-6
LNH33048
48 VDC
1721253-7
LNH13005
1 CO contact
5 VDC
1721253-8
LNH13006
6 VDC
1721253-9
LNH13009
9 VDC
1-1721253-0
LNH13012
12 VDC
1-1721253-1
LNH13024
24 VDC
1-1721253-2
LNH13036
36 VDC
1-1721253-3
LNH13048
48 VDC
1-1721253-4
LN333005
LN3
1 NO contact
5 VDC
1721743-6
LN333006
16 A
6 VDC
1721743-1
LN333009
85°C
9 VDC
1721743-4
LN333012
12 VDC
1721743-2
LN333024
24 VDC
1721743-3
LN313005
1 CO contact
5 VDC
1721548-5
LN313006
6 VDC
1721548-1
LN313009
9 VDC
1721548-2
LN313012
12 VDC
1721548-3
LN313024
24 VDC
1721548-4
Product key
Typical product key
LN
133
012
Type
LN Miniature Power Relay LN / LNH
Version
1
10 A, 85°C
3
16 A, 85°C
H
10 A, 105°C
Contact configuration
1
1 CO contact (1 form C)
3
1 NO contatct (1 form A)
Contact material
0
AgCdO
3
AgSnO2
Coil
005
5 VDC
012
12 VDC
006
6 VDC
024
24 VDC
009
9 VDC
036
36 VDC


Similar Part No. - LN133024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LN133024 MACOM-LN133024 Datasheet
83Kb / 3P
   Miniature Power Relay
logo
List of Unclassifed Man...
LN133024 ETC2-LN133024 Datasheet
380Kb / 3P
   Miniature Power PCB Relay LN/LNH
More results

Similar Description - LN133024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN333024 ETC2-LN333024 Datasheet
380Kb / 3P
   Miniature Power PCB Relay LN/LNH
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com