Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7SV1E6-12 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T7SV1E6-12
Description  Miniature Power PCB Relay T7S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7SV1E6-12 Datasheet(HTML) 2 Page - Tyco Electronics

  T7SV1E6-12 Datasheet HTML 1Page - Tyco Electronics T7SV1E6-12 Datasheet HTML 2Page - Tyco Electronics T7SV1E6-12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Miniature Power PCB Relay T7S (Continued)
Product key
Typical product key
T7S
V1E6
-06
Type
T7S
Miniature Power PCB Relay T7S
Version
S
wash tight
V
flux proof
Contact configuration
1
1 NO contact (1 form A)
5
1 CO contact (1 form C)
Coil version
H
DC coil 360 mW, 105°C
E
DC coil 360 mW, 85°C
Contact material
4
AgNi 90/10
6
AgZnO
Coil
Coil code: please refer to coil versions table
Version
Blank
T7S standard version
WG
product in accordance with IEC 60335-1
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0260-AS
S0260-AT
S0260-AU
S0531-A
Insulation
Dielectric strength coil-contact circuit
1500 Vrms
open contact circuit
750 Vrms
Clearance / creepage coil-contact circuit
W 2.5 / 2.5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 325
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
240 V
Overvoltage category
II
Other data
T7**E
T7S**H
Mechanical endurance
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0424
Resistance to heat and fire, WG version
according EN60335, par.30
Environment
Ambient temperature range
-40...85°C
-40...105°C
Vibration resistance (function) NO / NC contact >14 / 8 g, 30...400 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
RTIII - wash tight
Processing
Mounting
PCB
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
11 g
Packaging unit
1400 / 1400 pcs


Similar Part No. - T7SV1E6-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7SV1E6-12 MACOM-T7SV1E6-12 Datasheet
86Kb / 3P
   Miniature Power PCB Relay
T7SV1E6-12-WG MACOM-T7SV1E6-12-WG Datasheet
86Kb / 3P
   Miniature Power PCB Relay
More results

Similar Description - T7SV1E6-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com