Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA2570C Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # PSA2570C
Description  PLL-24H - Style Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA2570C Datasheet(HTML) 2 Page - Z-Communications, Inc

  PSA2570C Datasheet HTML 1Page - Z-Communications, Inc PSA2570C Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2410
2430
2450
2470
2490
2510
2530
2550
2570
2590
2610
2630
2650
2670
2690
0
0.5
1
1.5
2
2.5
3
3.5
4
-3
-2
-1
0
1
2
3
4
5
2433
2462
2490
2517
2546
2577
2609
2641
2671
PHASE LOCKED LOOP
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
PSA2570C
VCO POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
1
RF OUT
5
REF IN
7
CLOCK
PIN CONFIGURATION
REST GROUND
8
DATA
10
LOAD ENABLE
12
LOCK DETECT
13
Vcc
17
N/C
PACKAGE
H
PLL-24H
0.220
0.140
PLL-24
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
17
19
15
13
1
2
3
4
810
12
24
22
20
5
6
7
911
14
16
18
21
23
°c
25
VCO TUNING CURVE, typ.
TUNING VOLTAGE (Vdc)
°c
25
°c
-40
°c
85
FREQUENCY (MHz)


Similar Part No. - PSA2570C

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA2570C ZCOMM-PSA2570C Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
More results

Similar Description - PSA2570C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JSB-53FA ETC1-JSB-53FA Datasheet
167Kb / 2P
   TIME RELAY 0.05S~24H
JSB-53FC ETC1-JSB-53FC Datasheet
300Kb / 2P
   TIME RELAY 0.05S~24H
logo
Advanced XTAL Products
AXHS1001 AXTAL-AXHS1001 Datasheet
44Kb / 1P
   PLL Synthesizer in SMD package
AXHS0001 AXTAL-AXHS0001 Datasheet
44Kb / 1P
   PLL Synthesizer in SMD package
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
   TO-247 style power package
logo
Golledge Electronics Lt...
GVXO-32L GOLLEDGE-GVXO-32L Datasheet
572Kb / 4P
   High Frequency 3.3V VCXO in telecoms package style
logo
Honeywell Accelerometer...
SE2470-002 HONEYWELL-ACC-SE2470-002 Datasheet
398Kb / 4P
   Miniature, hermetically sealed, pill style, metal can package
logo
Fujitsu Component Limit...
MB15F76UV FUJITSU-MB15F76UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F74UV FUJITSU-MB15F74UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
logo
Broadcom Corporation.
AFBR-5302Z BOARDCOM-AFBR-5302Z Datasheet
98Kb / 10P
   Fibre Channel 266 MBd Transceiver in 1x9 Package Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com