Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68003 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C68003
Description  MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68003 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C68003_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 9Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 10Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 11Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 12Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 13Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 14Page - Cypress Semiconductor CY7C68003_10 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CY7C68003
Document Number: 001-15775 Rev. *I
Page 11 of 27
USB Data Transmit (PID)
In this mode, the link transmits data on the USB with a Packet Identifier (PID). The link first drives a TX CMD byte as illustrated in
Figure 9 on page 11 to transmit a USB packet. The link sets the Command Code to 01b (Transmit) and places the USB Packet Identifier
(PID) on DATA[3:0] (see Table 9 on page 9). TX2UL throttles the data using NXT such that the link provides the next byte in the cycle
after NXT is detected as high.
Figure 8. USB Data Transmit (PID)
USB Packet Receive
As shown in Figure 10 on page 12, when TX2UL receives the USB data it gains ownership of the data bus by asserting DIR. The DIR
is previously either high or low. If DIR is low (see Figure 9), TX2UL asserts both DIR and NXT so that the link knows immediately that
this is a USB receive packet. If DIR is high (see Figure 10 on page 12), TX2UL deasserts NXT and drives an RX CMD with the RxEvent
field set to the RxActive state. The TX2UL starts driving data in the following cycle or outputs RX CMD until USB data is available.
Valid USB packet data is presented to the link by asserting NXT and placing a byte on the bus. When NXT is low, TX2UL drives the
RX CMD byte. All RX CMD changes during the USB packet receive are signaled when NXT is low. If NXT is never low during the
packet receive, all RX CMD changes are replaced with a single RX CMD update. This update is sent at the end of the USB packet
receive, when the ULPI bus is available. The RX CMD update always conveys the current RX CMD values and not the previous one.
Figure 9. USB Receive While DIR is Previously Low
CLOCK
DATA[7:0]
DIR
STP
NXT
D1
TX CMD (PID)
D2
D3
CLOCK
DATA[7:0]
DIR
STP
NXT
Turn around
RX CMD
PID
D1
RX CMD
D2
D3
Turn around
[+] Feedback


Similar Part No. - CY7C68003_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results

Similar Description - CY7C68003_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
96Kb / 6P
   HS USB ULPI transceiver
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com