Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68003 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C68003
Description  MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68003 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68003 Datasheet HTML 6Page - Cypress Semiconductor CY7C68003 Datasheet HTML 7Page - Cypress Semiconductor CY7C68003 Datasheet HTML 8Page - Cypress Semiconductor CY7C68003 Datasheet HTML 9Page - Cypress Semiconductor CY7C68003 Datasheet HTML 10Page - Cypress Semiconductor CY7C68003 Datasheet HTML 11Page - Cypress Semiconductor CY7C68003 Datasheet HTML 12Page - Cypress Semiconductor CY7C68003 Datasheet HTML 13Page - Cypress Semiconductor CY7C68003 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CY7C68003
Document Number: 001-15775 Rev. *I
Page 10 of 27
Figure 6. Sending RX CMD
USB Data Transmit (NOPID)
In this mode, the Link transmits data on the USB without a Packet Identifier (PID) by sending a TX CMD byte of the NOPID type.
TX2UL asserts NXT (see Figure 8 on page 11) in the first cycle of TX CMD and deasserts NXT when it detects STP to be high. Because
this command does not contain PID data, TX2UL waits for the next data byte before beginning transmission on the USB. When the
last byte is transferred by the TX2UL, the link asserts STP for one cycle and drives data to 00h if no transmit errors occur. The link
does not assert STP before the first byte is transferred by the TX2UL.
Figure 7. USB Data Transmit (NOPID)
CLOCK
DATA[7:0]
DIR
STP
NXT
Turn around
RX CMD
Turn around
Turn around
RX CMD
RX CMD
Turn around
D1
CLOCK
DATA[7:0]
DIR
STP
NXT
D0
TX CMD (NOPID)
D2
[+] Feedback


Similar Part No. - CY7C68003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003-20FNXI CYPRESS-CY7C68003-20FNXI Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-24LQXI CYPRESS-CY7C68003-24LQXI Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003-24LQXIT CYPRESS-CY7C68003-24LQXIT Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results

Similar Description - CY7C68003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
   MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
96Kb / 6P
   HS USB ULPI transceiver
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 39P
   MoBL-USB??FX2LP18 USB Microcontroller
logo
Microchip Technology
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
   Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com