Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C53 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC )
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C53 Datasheet HTML 4Page - Cypress Semiconductor CY8C53 Datasheet HTML 5Page - Cypress Semiconductor CY8C53 Datasheet HTML 6Page - Cypress Semiconductor CY8C53 Datasheet HTML 7Page - Cypress Semiconductor CY8C53 Datasheet HTML 8Page - Cypress Semiconductor CY8C53 Datasheet HTML 9Page - Cypress Semiconductor CY8C53 Datasheet HTML 10Page - Cypress Semiconductor CY8C53 Datasheet HTML 11Page - Cypress Semiconductor CY8C53 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-55035 Rev. *G
Page 8 of 102
Figure 2-4 and Figure 2-5 show an example schematic and an
example PCB layout, for the 100-pin TQFP part, for optimal
analog performance on a 2-layer board.
The two pins labeled VDDD must be connected together.
The two pins labeled VCCD must be connected together, with
capacitance added, as shown in Figure 2-4 and Power System
on page 23. The trace between the two VCCD pins should be
as short as possible.
The two pins labeled VSSD must be connected together.
Figure 2-4. Example Schematic for 100-pin TQFP Part with Power Connections
Note The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended, as
shown in Figure 2-5.
Vssb
10
Ind
11
Vboost
12
Vbat
13
Vssd
14
XRES
15
Vcca
63
Vssa
64
Vdda
65
Vssd
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2out, P0[0]
71
OA0out, P0[1]
72
OA0+, P0[2]
73
OA0-, REF0, P0[3]
74
Vddio0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWIO, TMS
20
P1[1], SWDIO, TCK
21
P1[2]
22
P1[3], SWV, TDO
23
P1[4], TDI
24
P1[5], nTRST
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1out, P3[6]
51
OA3out, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
kHzXout, P15[2]
55
kHzXin, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
U2
CY8C55xx
Vssd
Vdda
Vcca
Vssd
Vssa
Vssa
Vssd
Vssd
Vssd
Vssd
0.1 uF
C8
Vssd
Vddd
Vddd
Vddd
Vddd
Vssa
Vssa
Vddd
Vssd
1 uF
C9
0.1 uF
C10
0.1 uF
C11
0.1 uF
C14
0.1 uF
C16
0.1 uF
C12
0.1 uF
C6
0.1 uF
C2
1 uF
C15
1 uF
C1
Vssd
Vddd
Vssd
Vdda
Vssd
Vccd
10 uF, 6.3 V
C13
1 uF
C17
Vssa
Vdda
[+] Feedback


Similar Part No. - CY8C53

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365AXI-043 CYPRESS-CY8C5365AXI-043 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365LTI-104 CYPRESS-CY8C5365LTI-104 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366AXI-001 CYPRESS-CY8C5366AXI-001 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366LTI-053 CYPRESS-CY8C5366LTI-053 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C53

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com