Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C9520A Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20, 40, and 60 Bit I/O Expander with EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C9520A_10 Datasheet HTML 1Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 2Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 3Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 4Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 5Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 6Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 7Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 8Page - Cypress Semiconductor CY8C9520A_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY8C9520A
CY8C9540A, CY8C9560A
20, 40, and 60 Bit I/O Expander with
EEPROM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
•408-943-2600
Document Number: 38-12036 Rev. *E
Revised December 14, 2010
Features
I
2C interface logic electrically compatible with SMBus
Up to 20 (CY8C9520A), 40 (CY8C9540A), or 60 (CY8C9560A)
I/O data pins independently configurable as inputs, outputs,
Bi-directional input/outputs, or PWM outputs
4/8/16 PWM sources with 8-bit resolution
Extendable soft addressing algorithm allowing flexible I
2C
address configuration
Internal 3-/11-/27-Kbyte EEPROM
User default storage, I/O port settings in internal EEPROM
Optional EEPROM write disable (WD) input
Interrupt output indicates input pin level changes and pulse
width modulator (PWM) state changes
Internal power on reset (POR)
Internal configurable watchdog timer
Top Level Block Diagram
Overview
The CY8C95xxA is a multi-port I/O expander with on board user
available EEPROM and several PWM outputs. All devices in this
family operate identically but differ in I/O pins, number of PWMs,
and internal EEPROM size.
The CY8C95xxA operates as two I2C slave devices. The first
device is a multi port I/O expander (single I2C address to access
all ports through registers). The second device is a serial
EEPROM. Dedicated configuration registers can be used to
disable the EEPROM. The EEPROM uses 2-byte addressing to
support the 28 Kbyte EEPROM address space. The selected
device is defined by the most significant bits of the I2C address
or by specific register addressing.
The I/O expander's data pins can be independently assigned as
inputs, outputs, quasi-bidirectional input/outputs or PWM ouputs.
The individual data pins can be configured as open drain or
collector, strong drive (10 mA source, 25 mA sink), resistively
pulled up or down, or high impedance. The factory default config-
uration is pulled up internally.
The system master writes to the I/O configuration registers
through the I2C bus. Configuration and output register settings
are storable as user defaults in a dedicated section of the
EEPROM. If user defaults were stored in EEPROM, they are
restored to the ports at power up. While this device can share the
bus with SMBus devices, it can only communicate with I2C
masters. The I2C slave in this device requires that the I2C master
supports clock stretching.
There is one dedicated pin that is configured as an interrupt
output (INT) and can be connected to the interrupt logic of the
system master. This signal can inform the system master that
there is incoming data on its ports or that the PWM output state
was changed.
The EEPROM is byte readable and supports byte-by-byte
writing. A pin can be configured as an EEPROM Write Disable
(WD) input that blocks write operations when set high. The
configuration registers can also disable EEPROM operations.
The CY8C95xxA has one fixed address pin (A0) and up to six
additional pins (A1-A6), which allow up to 128 devices to share
a common two wire I2C data bus. The Extendable Soft
Addressing algorithm provides the option to choose the number
of pins needed to assign the desired address. Pins not used for
address bits are available as GPIO pins.
There are 4 (CY8C9520A), 8 (CY8C9540A), or 16 (CY8C9560A)
independently configurable 8-bit PWMs. These PWMs are listed
as PWM0-PWM15. Each PWM can be clocked by one of six
available clock sources.
For details on how to configure I2C, see Application Note
"Communication - I2C Port Expander with Flash Storage -
AN2304" at http://www.cypress.com.
EEPROM
User
Settings
Area
User
Available
Area
Control
Unit
GPort 0
GPort 1
GPort 2
GPort 3
GPort 7
PWM 0
PWM 15
Power-on-Reset
1.5 MHz
93.75 kHz
Divider (1-255)
Clocks
32 kHz
24 MHz
WD
SCL
SDA
V
dd
V
ss
8 Bit IO
5 Bit IO
3 Bit IO
or A4-A6
4 Bit IO
or A1-A3, WD6
8 Bit IO
8 Bit IO
INT
A0
[+] Feedback


Similar Part No. - CY8C9520A_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
721Kb / 24P
   20-, 40-, and 60-Bit IO Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
721Kb / 24P
   20-, 40-, and 60-Bit IO Expander with EEPROM
More results

Similar Description - CY8C9520A_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A Datasheet
721Kb / 24P
   20-, 40-, and 60-Bit IO Expander with EEPROM
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com