Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20334 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20334
Description  PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20334 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20334 Datasheet HTML 1Page - Cypress Semiconductor CY8C20334 Datasheet HTML 2Page - Cypress Semiconductor CY8C20334 Datasheet HTML 3Page - Cypress Semiconductor CY8C20334 Datasheet HTML 4Page - Cypress Semiconductor CY8C20334 Datasheet HTML 5Page - Cypress Semiconductor CY8C20334 Datasheet HTML 6Page - Cypress Semiconductor CY8C20334 Datasheet HTML 7Page - Cypress Semiconductor CY8C20334 Datasheet HTML 8Page - Cypress Semiconductor CY8C20334 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *N
Page 4 of 47
Additional System Resources
System Resources provide additional capability useful to
complete systems. Additional resources include low voltage
detection and power on reset. Brief statements describing the
merits of each system resource follow:
The I2C slave or SPI master-slave module provides 50/100/400
kHz communication over two wires. SPI communication over
three or four wires run at speeds of 46.9 kHz to 3 MHz (lower
for a slower system clock).
Low voltage detection (LVD) interrupts signal the application of
falling voltage levels, while the advanced POR (Power On
Reset) circuit eliminates the need for a system supervisor.
An internal 1.8 V reference provides an absolute reference for
capacitive sensing.
The 5 V maximum input, 3 V fixed output, low dropout regulator
(LDO) provides regulation for I/Os. A register controlled bypass
mode enables the user to disable the LDO.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks, and 12, 6, or 4
analog blocks. Table 1 lists the resources available for specific PSoC device groups. The PSoC device covered by this datasheet is
highlighted.
Getting Started
The quickest way to understand PSoC silicon is to read this
datasheet and then use the PSoC Designer Integrated Devel-
opment Environment (IDE). This datasheet is an overview of the
PSoC integrated circuit and presents specific pin, register, and
electrical specifications.
For in depth information, along with detailed programming infor-
mation, see the Technical Reference Manual for this PSoC
device.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web
at http://www.cypress.com.
Application Notes
Application notes are an excellent introduction to the wide variety
of possible PSoC designs and are available at
http://www.cypress.com.
Development Kits
PSoC Development Kits are available online from Cypress at
http://www.cypress.com and through a growing number of
regional and global distributors, which include Arrow, Avnet,
Digi-Key, Farnell, Future Electronics, and Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops) is available online at http://www.cypress.com. The
training covers a wide variety of topics and skill levels to assist
you in your designs.
Cypros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant, go to http://www.cypress.com and refer to
CYPros Consultants.
Table 1. PSoC Device Characteristics
PSoC Part
Number
Digital
I/O
Digital
Rows
Digital
Blocks
Analog
Inputs
Analog
Outputs
Analog
Columns
Analog
Blocks
SRAM
Size
Flash
Size
CY8C29x66
up to 64
4
16
up to 12
4
4
12
2 K
32 K
CY8C28xxx
up to 44
up to 3
up to 12
up to 44
up to 4
up to 6
up to
12 + 4[1]
1 K
16 K
CY8C27x43
up to 44
2
8
up to 12
4
4
12
256
16 K
CY8C24x94
up to 56
1
4
up to 48
2
2
6
1 K
16 K
CY8C24x23A
up to 24
1
4
up to 12
2
2
6
256
4 K
CY8C23x33
up to 26
1
4
up to 12
2
2
4
256
8 K
CY8C22x45
up to 38
2
8
up to 38
0
4
6[1]
1 K
16 K
CY8C21x45
up to 24
1
4
up to 24
0
4
6[1]
512
8 K
CY8C21x34
up to 28
1
4
up to 28
0
2
4[1]
512
8 K
CY8C21x23
up to 16
1
4
up to 8
0
2
4[1]
256
4 K
CY8C20x34
up to 28
0
0
up to 28
0
0
3[1,2]
512
8 K
CY8C20xx6
up to 36
0
0
up to 36
0
0
3[1,2]
up to
2 K
up to
32 K
Notes
1. Limited analog functionality
2. Two analog blocks and one CapSense®.
[+] Feedback


Similar Part No. - CY8C20334

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20334 CYPRESS-CY8C20334 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20334-12LQXI CYPRESS-CY8C20334-12LQXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C20334

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com