Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20534-12PVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20534-12PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20534-12PVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20534-12PVXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20534-12PVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *N
Page 3 of 47
PSoC Functional Overview
The PSoC family consists of many Programmable
System-on-Chips with On-Chip Controller devices. These
devices are designed to replace multiple traditional MCU based
system components with one low cost single chip programmable
component. A PSoC device includes configurable analog and
digital blocks and programmable interconnect. This architecture
enables the user to create customized peripheral configurations
to match the requirements of each individual application.
Additionally, a fast CPU, flash program memory, SRAM data
memory, and configurable I/O are included in a range of
convenient pinouts.
The PSoC architecture for this device family, as shown in
Figure 1, consists of three main areas: the Core, the System
Resources, and the CapSense Analog System. A common
versatile bus enables connection between I/O and the analog
system. Each CY8C20x34 PSoC device includes a dedicated
CapSense block that provides sensing and scanning control
circuitry for capacitive sensing applications. Depending on the
PSoC package, up to 28 general purpose I/O (GPIO) are also
included. The GPIO provide access to the MCU and analog mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, IMO , and ILO.
The CPU core, called the M8C, is a powerful processor with
speeds up to 12 MHz. The M8C is a two MIPS, 8-bit
Harvard-architecture microprocessor.
System Resources provide additional capability such as a
configurable I2C slave or SPI master-slave communication
interface and various system resets supported by the M8C.
The Analog System consists of the CapSense PSoC block and
an internal 1.8 V analog reference. Together they support capac-
itive sensing of up to 28 inputs.
CapSense Analog System
The Analog System contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. Capacitive sensing is configurable on
each GPIO pin. Scanning of enabled CapSense pins is
completed quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
Analog Multiplexer System
The Analog Mux Bus connects to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces such as sliders and
touch pads
Chip-wide mux that enables analog input from any I/O pin
Crosspoint connection between any I/O pin combinations
IDAC
Reference
Buffer
Vr
Cinternal
Cap Sense Counters
Com parator
Mux
Mux
Refs
CapSense
Clock Select
Relaxation
O scillator
(RO)
CSCLK
IMO
[+] Feedback


Similar Part No. - CY8C20534-12PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20534-12PVXI CYPRESS-CY8C20534-12PVXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20534-12PVXI CYPRESS-CY8C20534-12PVXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20534-12PVXIT CYPRESS-CY8C20534-12PVXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20534-12PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com