Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLZDA6V8 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLZDA6V8
Description  SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLZDA6V8 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLZDA6V8 Datasheet HTML 1Page - Central Semiconductor Corp CMLZDA6V8 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLZDA2V4
THRU
CMLZDA47V
SURFACE MOUNT
DUAL, COMMON ANODE
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLZDA2V4
Series silicon dual zener diode is a highly quality
voltage regulator, connected in a common anode
configuration, for use in industrial, commercial,
entertainment and computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
SOT-563 CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMLZDA2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
CW3
CMLZDA2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
CW4
CMLZDA3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
CW5
CMLZDA3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
CW6
CMLZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
CW7
CMLZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
CW8
CMLZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
CW9
CMLZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
CZ1
CMLZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
CZ2
CMLZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
CZ3
CMLZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
CZ4
CMLZDA6V8
6.5
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
CZ5
CMLZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
CZ6
CMLZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
CZ7
CMLZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
CZ8
CMLZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
CZ9
CMLZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
CY1
CMLZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
CY2
CMLZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
CY3
CMLZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
CY4
CMLZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
CY5
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Temperature
TJ, Tstg
-65 TO +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
R1 (20-January 2010)
www.centr a lsemi.com


Similar Part No. - CMLZDA6V8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLZDA6V8 CENTRAL-CMLZDA6V8 Datasheet
446Kb / 3P
   SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
More results

Similar Description - CMLZDA6V8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4_10 Datasheet
479Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com