Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20434-12LQXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20434-12LQXI
Description  PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20434-12LQXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20434-12LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 13Page - Cypress Semiconductor CY8C20434-12LQXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *N
Page 10 of 47
21
IOH
I
P1[0]
22
IOH
I
P1[2]
No connection
23
NC
No connection
24
NC
No connection
25
NC
Optional external clock input (EXTCLK)
26
IOH
I
P1[4]
27
IOH
I
P1[6]
Active high external reset with internal pull-down
28
Input
XRES
29
I/O
I
P3[0]
30
I/O
I
P3[2]
31
I/O
I
P2[0]
32
I/O
I
P2[2]
33
I/O
I
P2[4]
34
I/O
I
P2[6]
35
I/O
I
P0[0]
36
I/O
I
P0[2]
37
NC
No connection
38
NC
No connection
39
NC
No connection
40
I/O
I
P0[6]
Analog bypass
41
Power
VDD
Supply voltage
42
OCDO
OCD odd data output
43
OCDE
OCD even data I/O
44
I/O
I
P0[7]
45
I/O
I
P0[5]
46
I/O
I
P0[3]
Integrating Input
47
Power
VSS
Ground connection
48
NC
No connection
CP
Power
VSS
Center pad is connected to ground
A = Analog, I = Input, O = Output, NC = No Connection H = 5 mA High Output Drive.
Table 4. Pin Definitions – CY8C20000 48-Pin OCD (QFN) [4]
Pin No.
Digital
Analog
Name
Description
[+] Feedback


Similar Part No. - CY8C20434-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20434-12LQXI CYPRESS-CY8C20434-12LQXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20434-12LQXI CYPRESS-CY8C20434-12LQXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20434-12LQXIT CYPRESS-CY8C20434-12LQXIT Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20434-12LQXIT CYPRESS-CY8C20434-12LQXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20434-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com