Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20634-12FDXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20634-12FDXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20634-12FDXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20634-12FDXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C20634-12FDXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *N
Page 7 of 47
Pin Information
This section describes, lists, and illustrates the CY8C20234, CY8C20334, CY8C20434, CY8C20534, and CY8C20634 PSoC device
pins and pinout configurations.
The CY8C20x34 PSoC device is available in a variety of packages that are listed and shown in the following tables. Every port pin
(labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES are not capable
of Digital I/O.
8-Pin SOIC Pinout
Figure 2. CY8C20134-12SXI 8-Pin SOIC Pinout
Table 2. Pin Definitions – CY8C20134 8-Pin (SOIC)
Pin No.
Digital
Analog
Name
Description
1
Power
VSS
Ground connection
2
I/O
I
P0[1]
Analog column mux input, integrating input
3
I/O
I
P1[7]
I2C serial clock(SCL)
4
I/O
I
P1[5]
I2C serial data (SDA)
5
I/O
I
P1[1]
I2C serial clock(SCL), ISSP-SCLK
6
I/O
I
P1[0]
I2C serial data (SDA), ISSP-SDATA
7
I/O
I
P2[2]
Analog column mux input
8
Power
VDD
Supply voltage
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive.
SOIC
1
2
3
4
8
7
6
5
Vdd
P0[4], A, I
P0[2], A, I
P1[0], I2CSDA
A, I, P0[5]
A, I, P0[3]
I2C SCL, P1[1]
Vss
VSS
VDD
AI, P0[1]
AI, I2C SCL, P1[7]
AI, I2C SDA, P1[5]
P2[2],AI
P1[0], I2C SDA, DATA *, AI
P1[1], I2C SCL, CLK*, AI
[+] Feedback


Similar Part No. - CY8C20634-12FDXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20634-12FDXIT CYPRESS-CY8C20634-12FDXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20634-12FDXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com