Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMNT3904E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMNT3904E
Description  ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMNT3904E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMNT3904E Datasheet HTML 1Page - Central Semiconductor Corp CMNT3904E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMNT3904E NPN
CMNT3906E PNP
ENHANCED SPECIFICATION
SURFACE MOUNT
COMPLEMENTARY
SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMNT3904E
and CMNT3906E Low VCE(SAT) NPN and PNP
Transistors, respectively, are designed for applications
where ultra small size and power dissipation are the
prime requirements. Packaged in an FEMTOmini™
SOT-953 package, these components provide
performance characteristics suitable for the most
demanding size constrained applications.
MARKING CODES: CMNT3904E: CL
CMNT3906E: CM
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
TYP
TYP
MAX
UNITS
ICEV
VCE=30V, VEB=3.0V
50
nA
BVCBO
IC=10µA
60
115
90
V
BVCEO
IC=1.0mA
40
60
55
V
BVEBO
IE=10µA
6.0
7.5
7.9
V
VCE(SAT)
IC=10mA, IB=1.0mA
.057
.05
0.1
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.1
0.1
0.2
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.65
0.75
0.75
0.85
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.85
0.85
0.95
V
hFE
VCE=1.0V, IC=0.1mA
90
240
130
hFE
VCE=1.0V, IC=1.0mA
100
235
150
♦ Enhanced Specification
FEATURES
• Very Small Package Size
• Low Package Profile, 0.5mm
• 200mA Collector Current
• Low VCE(SAT) (0.1V Typ @ 50mA)
• Small, FEMTOmini™ 1 x 0.8mm,
SOT-953 Surface Mount Package
APPLICATIONS
• DC / DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered equipment including:
Cell Phones, Digital Cameras, Pagers,
PDAs, Laptop Computers, etc.
SOT-953 CASE
R2 (25-January 2010)
www.centr a lsemi.com


Similar Part No. - CMNT3904E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNT3904E CENTRAL-CMNT3904E Datasheet
168Kb / 2P
   COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
CMNT3904E CENTRAL-CMNT3904E Datasheet
369Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
CMNT3904E CENTRAL-CMNT3904E_15 Datasheet
369Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
More results

Similar Description - CMNT3904E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3904E CENTRAL-CMPT3904E_10 Datasheet
336Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CET3904E CENTRAL-CET3904E_10 Datasheet
370Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_10 Datasheet
335Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E_10 Datasheet
355Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E Datasheet
336Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMLT3904E CENTRAL-CMLT3904E_10 Datasheet
523Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E_10 Datasheet
358Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E Datasheet
97Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com