Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BEI15
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BEI15 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BEI15_11 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BEI15_11 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
18 Feb 2011
MDC_BEI15W.A04 Page 4 of 13
INPUT CHARACTERISTICS
BEI15-050-Q12
BEI15-050-Q48
BEI15-120-Q12
BEI15-120-Q48
BEI15-150-Q12
BEI15-150-Q48
Input voltage range
See ordering guide
Start-up threshold, Volts typ.
9.0
17.0
9.5
17.0
8.9
17.0
Undervoltage shutdown, Volts
8.5
16.0
8.4
16.2
8.4
16.0
Overvoltage shutdown, Volts
none
Reflected (back) ripple current mA pk-pk
530
30
30530
Input current
Full load conditions
See ordering guide
Inrush transient, A2sec
0.05
0.05
0.05
0.05
0.05
0.05
Output short circuit, mA
50
50
50
50
50
50
Output at min. load, mA
90
50
95
50
30
50
Low line (Vin=min.), Amps
2.03
1.0
2.01
0.97
1.97
0.96
Standby mode, mA (Off, UV, OT shutdown)
25
11111
Recommended fuse, Amps
424242
Internal input filter type
Capacitive
Reverse polarity protection
None, install external fuse
Remote On/Off Control
Positive logic ("P" model suffix)
OFF=Gnd pin or
-0.7 to +0.8V max.
ON=open pin or
+10 to +15V max.
Negative logic ("N" model suffix)
OFF=open pin or
+10 to +15V max.
ON=Gnd pin or
-0.7 to +0.8V max.
On/Off Current, mA max.
1
Performance and Functional Specifications (Specs are typical
➀ unless noted)
OUTPUT CHARACTERISTICS
BEI15-050-Q12
BEI15-050-Q48
BEI15-120-Q12
BEI15-120-Q48
BEI15-150-Q12
BEI15-150-Q48
Voltage output range
See ordering guide
Voltage output accuracy, % of Vnom. (50% load)
±1
Temperature coefficient, % of Vout range/°C
±0.02
Minimum loading, percent of full power
10
Ripple/noise (20 MHz bandwidth)
See ordering guide
Line/Load regulation
Efficiency
Capacitive loading, μF max.,
low ESR <0.02Ω max., resistive load
500
500
150
150
100
100
Overvoltage protection, Volts
(hiccup auto restart after fault removal)
6.5
7
15.8
16
18
20
OV protection method
Magnetic feedback
Isolation voltage
Input to Output, Volts DC min.
2000
2250
2000
2250
2000
2250
Isolation resistance, MΩ min.
10
10
10
10
10
10
Isolation capacitance, pF
1000
1000
600
700
1000
1000
Isolation safety rating
Basic insulation
Miscellaneous
Current limit inception, Amps (Vout
actual ≤ 98% of Vnom.) after warmup
2.6
2.5
1
1.1
0.9
0.9
Short circuit protection method
Current limiting, hiccup autorestart
Short circuit current, Amps max.
0.3
Short circuit duration (output shorted to ground)
Continuous


Similar Part No. - BEI15_11

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15-120-Q12 MURATA-PS-BEI15-120-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-120-Q12P-C MURATA-BEI15-120-Q12P-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-120-Q48 MURATA-PS-BEI15-120-Q48 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-120-Q48N-C MURATA-BEI15-120-Q48N-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-150-Q12 MURATA-PS-BEI15-150-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
More results

Similar Description - BEI15_11

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com