Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15-050-Q48 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BEI15-050-Q48
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BEI15-050-Q48 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BEI15-050-Q48 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BEI15-050-Q48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
18 Feb 2011
MDC_BEI15W.A04 Page 5 of 13
DYNAMIC CHARACTERISTICS
BEI15-050-Q12
BEI15-050-Q48
BEI15-120-Q12
BEI15-120-Q48
BEI15-150-Q12
BEI15-150-Q48
Start-up time, mS, max.
50
50
50
50
50
50
Vin to Vout regulated, mS, max.
(Remote On/Off to Vout regulated)
50
50
50
60
50
50
Switching frequency, KHz
350
305
300
320
330
320
Calculated MTBF, hours
>2000000
Operating temperature range
(Ambient, natural convection, with derating,
vertical mount). See Derating graphs.
-40 to +85°C
No derating
-40 to +70°C
Storage temperature range
-55 to +125°C
Thermal protection/shutdown, °C
(measured at PWM)
130
Relative humidity, non-condensing
To +85°C/85%
PHYSICAL CHARACTERISTICS
Outline dimensions
See mechanical specs
Pin material
Copper alloy
Pin diameter
0.040 inches
1.016 mm
Pin Finish
Gold plate over nickel underplate
Weight, ounces (grams)
0.352 (10)
0.352 (10)
0.352 (10)
0.352 (10)
0.32 (9.07)
0.32 (9.07)
Electromagnetic interference
(requires external filter)
Meets EN55022 and CISPR22 with external filter
Flammability rating
UL 94V-0
Safety (designed to meet)
UL/cUL 60950-1
CSA-C22.2 No.60950-1
IEC/EN 60950-1
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Q12 models
Volts, max.,continuous
36
Volts, transient 100 mS
50
Q48 models
Volts, max.,continuous
75
Volts, transient 100 mS
100
On/Off Control, referred to -Vin
Volts, min.
-0.3
Volts, max.
15
Input reverse polarity protection
None, install external fuse
Output Current, sustained short circuit
Current-limited, see specs
Storage Temperature Range
min. °C.
-55
max. °C.
+125
Lead Temperature, deg.C. max.(soldering, ten seconds)
See soldering guidelines


Similar Part No. - BEI15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15-050-Q48 MURATA-PS-BEI15-050-Q48 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q48N-C MURATA-BEI15-050-Q48N-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-050-Q48NL1-C MURATA-PS-BEI15-050-Q48NL1-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15-050-Q48NL2-C MURATA-PS-BEI15-050-Q48NL2-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15-050-Q48PL1-C MURATA-PS-BEI15-050-Q48PL1-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
More results

Similar Description - BEI15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com