Electronic Components Datasheet Search |
|
BEI15-120-Q48 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
BEI15-120-Q48 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 13 page BEI15 Series Isolated Wide Input Bipolar 15-Watt DC/DC Converters www.murata-ps.com email: sales@murata-ps.com 18 Feb 2011 MDC_BEI15W.A04 Page 5 of 13 DYNAMIC CHARACTERISTICS BEI15-050-Q12 BEI15-050-Q48 BEI15-120-Q12 BEI15-120-Q48 BEI15-150-Q12 BEI15-150-Q48 Start-up time, mS, max. 50 50 50 50 50 50 Vin to Vout regulated, mS, max. (Remote On/Off to Vout regulated) 50 50 50 60 50 50 Switching frequency, KHz 350 305 300 320 330 320 Calculated MTBF, hours >2000000 Operating temperature range (Ambient, natural convection, with derating, vertical mount). See Derating graphs. -40 to +85°C No derating -40 to +70°C Storage temperature range -55 to +125°C Thermal protection/shutdown, °C (measured at PWM) 130 Relative humidity, non-condensing To +85°C/85% PHYSICAL CHARACTERISTICS Outline dimensions See mechanical specs Pin material Copper alloy Pin diameter 0.040 inches 1.016 mm Pin Finish Gold plate over nickel underplate Weight, ounces (grams) 0.352 (10) 0.352 (10) 0.352 (10) 0.352 (10) 0.32 (9.07) 0.32 (9.07) Electromagnetic interference (requires external filter) Meets EN55022 and CISPR22 with external filter Flammability rating UL 94V-0 Safety (designed to meet) UL/cUL 60950-1 CSA-C22.2 No.60950-1 IEC/EN 60950-1 ABSOLUTE MAXIMUM RATINGS Input Voltage Q12 models Volts, max.,continuous 36 Volts, transient 100 mS 50 Q48 models Volts, max.,continuous 75 Volts, transient 100 mS 100 On/Off Control, referred to -Vin Volts, min. -0.3 Volts, max. 15 Input reverse polarity protection None, install external fuse Output Current, sustained short circuit Current-limited, see specs Storage Temperature Range min. °C. -55 max. °C. +125 Lead Temperature, deg.C. max.(soldering, ten seconds) See soldering guidelines |
Similar Part No. - BEI15-120-Q48 |
|
Similar Description - BEI15-120-Q48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |