Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15-150-Q48 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BEI15-150-Q48
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BEI15-150-Q48 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BEI15-150-Q48 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BEI15-150-Q48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
www.murata-ps.com
email: sales@murata-ps.com
18 Feb 2011
MDC_BEI15W.A04 Page 1 of 13
CONNECTION DIAGRAM
PRODUCT OVERVIEW
Typical topology is shown.
Murata Power Solutions recommends a fuse at F1.
Typical unit
FEATURES
„ Small footprint DC/DC converter, ideal for
high current applications
„ Industry standard 0.96" x 1.1" X 0.35"
open frame package and pinout
„ Wide range input voltages 9-36 and
18-75 Vdc
„ Bipolar ±5V, ±12V and ±15V outputs
„ Up to 15 Watts or greater total output
power with overtemperature shutdown
„ Isolation up to 2250 VDC (basic), Q48 models
„ High efficiency synchronous rectifier
forward topology
„ Usable -40 to 85°C temperature range
(with derating)
„ Assembly and attachment for RoHS standards
„ Extensive self-protection shut down
features
„ Meets UL 60950-1, CAN/CSA-
C22.2 No. 60950-1, IEC60950-1,
EN60950-1 safety approvals (2nd Edition)
Featuring a full 15 Watt output in one square
inch of board area, the BEI-15 series isolated DC/
DC converter family offers efficient regulated DC
power for printed circuit board mounting. The
wide range 4:1 inputs on the 0.96" x 1.1" x 0.35"
(24.4 x 27.9 x 8.9 mm) converter are either 9 to 36
Volts DC (Q12 models) or 18 to 75 Volts DC (Q48
models), ideal for battery-powered and telecom
equipment. The industry-standard pinout fits larger
1" x 2" converters. Fixed output voltages of ±5,
±12 or ±15 VDC are regulated to within ±0.25%.
Applications include small instruments, area-
limited microcontrollers, data communications
equipment, remote sensor systems, vehicle and
portable electronics.
The BEI-15 series includes full magnetic
and optical isolation with Basic protection up to
2250 Volts DC (Q48 models) and 2000 VDC (Q12
models). For powering digital systems, the outputs
offer fast settling to step transients and will accept
higher capacitive loads. Excellent ripple and noise
specifications assure compatibility to noise-sus-
ceptible circuits. For systems requiring controlled
startup/shutdown, an external remote On/Off
control may use a switch, transistor or digital logic.
A wealth of self-protection features avoid both
converter and external circuit faults. These include
input undervoltage lockout and overtemperature
shutdown. The outputs current limit using the
“hiccup” autorestart technique and the outputs
are short-circuit protected. Additional features
include output overvoltage and reverse conduction
elimination. The high efficiency offers minimal heat
buildup and “no fan” operation.
Contents
Page
Description, Photograph, Connection Diagram
1
Ordering Guide, Model Numbering, Soldering Guidelines
2
Mechanical Specs, Input/Output Pinout
3
Detailed Electrical Specifications
4
Application Notes
6
Performance Data
8
F1
External
DC
Power
Source
Reference and
Error Amplifier
-Vout (4)
Common (5)
+Vout (6)
On/Off
Control
(3)
-Vin (2)
Open = On
+Vin (1)
polarity)
Controller
and
Power
Barrier
 


Similar Part No. - BEI15-150-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15-150-Q48 MURATA-PS-BEI15-150-Q48 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-150-Q48N-C MURATA-BEI15-150-Q48N-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
More results

Similar Description - BEI15-150-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com